Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1948MC-AH Datasheet(PDF) 6 Page - ON Semiconductor

Part # LB1948MC-AH
Description  Motor Driver, Forward/Reverse Low Saturation Voltage Drive
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1948MC-AH Datasheet(HTML) 6 Page - ON Semiconductor

  LB1948MC-AH Datasheet HTML 1Page - ON Semiconductor LB1948MC-AH Datasheet HTML 2Page - ON Semiconductor LB1948MC-AH Datasheet HTML 3Page - ON Semiconductor LB1948MC-AH Datasheet HTML 4Page - ON Semiconductor LB1948MC-AH Datasheet HTML 5Page - ON Semiconductor LB1948MC-AH Datasheet HTML 6Page - ON Semiconductor LB1948MC-AH Datasheet HTML 7Page - ON Semiconductor LB1948MC-AH Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LB1948MC
www.onsemi.com
6
Design Documentation
(1) Voltage magnitude relationship
There are no restrictions on the magnitude relationships between the voltages applied to VCC and IN1 to IN4.
(2) Parallel connection
The LB1948MC can be used as a single-channel H-bridge power supply by connecting IN1 to IN3, IN2 to IN4, OUT1 to
OUT3, and OUT2 to OUT4 as shown in the figure. (IOmax = 1.6A, VO(sat) = 0.6V (typical) at IO = 800mA)
1VCC
2 IN1
3 IN2
4 IN3
5 IN4
10
9
8
7
6
OUT1
OUT2
OUT3
OUT4
GND
LB1948MC
M
(3) Observe the following points when designing the printed circuit board pattern layout.
 Make the VCC and ground lines as wide and as short as possible to lower the wiring inductance.
 Insert bypass capacitors between VCC and ground mounted as close as possible to the IC.
 Resistors of about 10K must be inserted between the CPU output ports and the IN1 to IN4 pins if the microcontroller
and the LB1948MC are mounted on different printed circuit boards and the ground potentials differ significantly.
(4) Penetration electric current
At the time of the next mode shift, a penetration electric current is generated in VCC-GND. There are not the
deterioration of the IC by), the destruction as follows 1Atyp per this penetration electric current (1ch, 1μs; but for the
stabilization of the power supply line of the IC is most recent, and, please can enter with a condenser.
(i) Forward (Reverse) ↔ Brake
(ii)Forward ↔ Reverse
(iii) Standby → Brake
In addition, the penetration electric current disappears when I put a wait mode of 10μs at the time of the change of the
Forward ↔ Reverse.
(5) Supplementary matter of the penetration electric current
According to (4), a penetration electric current cannot influence IC life.
Thermal Shutdown Temperature
(1) Thermal shutdown temperature
The thermal shutdown temperature Ttsd is 200
 20C with
fluctuations.
(2) Thermal shutdown operation
The operation of the thermal shutdown circuit is shown in the
figure below.
When the chip temperature Tj is in the direction of increasing
(solid line), the output turns off at approximately 200
C.
When the chip temperature Tj is in the direction of decreasing
(dotted line), the output turns on (returns) at approximately
125
C.
100
120
140
160
180
200
220
0
14
12
10
8
6
4
2
VCC=12V
100 C
220 C
220 C
100 C
Return
TSD operation
Chip temperature, Tj -- C
LB1948MC Thermal shutdown reference chart


Similar Part No. - LB1948MC-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
More results

Similar Description - LB1948MC-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8548M SANYO-LV8548M Datasheet
191Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8548MC-AH ONSEMI-LV8548MC-AH Datasheet
128Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1948M SANYO-LB1948M Datasheet
60Kb / 6P
   Low saturation voltage drive forward/reverse 12 V motor driver
logo
ON Semiconductor
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
   Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
logo
Sanyo Semicon Device
LB1933M SANYO-LB1933M Datasheet
56Kb / 5P
   Low-saturation Forward/Reverse Motor Drive
LB1634M SANYO-LB1634M Datasheet
86Kb / 5P
   Low-Voltage, Low-Saturation Forward/Reverse Motor Driver
LB1948MC SANYO-LB1948MC Datasheet
173Kb / 6P
   Monolithic Digtal IC 12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
ON Semiconductor
LB1938FA-BH ONSEMI-LB1938FA-BH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA-AH ONSEMI-LB1938FA-AH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com