Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2003 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2003
Description  I2C TOUCH SCREEN CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2003 Datasheet(HTML) 5 Page - Texas Instruments

  TSC2003 Datasheet HTML 1Page - Texas Instruments TSC2003 Datasheet HTML 2Page - Texas Instruments TSC2003 Datasheet HTML 3Page - Texas Instruments TSC2003 Datasheet HTML 4Page - Texas Instruments TSC2003 Datasheet HTML 5Page - Texas Instruments TSC2003 Datasheet HTML 6Page - Texas Instruments TSC2003 Datasheet HTML 7Page - Texas Instruments TSC2003 Datasheet HTML 8Page - Texas Instruments TSC2003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TSC2003
5
SBAS162D
www.ti.com
Fall Time of SCL Signal
tfCL
Standard Mode
300
ns
Fast Mode
20 + 0.1Cb
300
ns
High-Speed Mode, Cb = 100pF max
10
40
ns
High-Speed Mode, Cb = 400pF max
20
80
ns
Rise Time of SDA Signal
trDA
Standard Mode
1000
ns
Fast Mode
20 + 0.1Cb
300
ns
High-Speed Mode, Cb = 100pF max
10
80
ns
High-Speed Mode, Cb = 400pF max
20
160
ns
Fall Time of SDA Signal
tfDA
Standard Mode
300
ns
Fast Mode
20 + 0.1Cb
300
ns
High-Speed Mode, Cb = 100pF max
10
80
ns
High-Speed Mode, Cb = 400pF max
20
160
ns
Setup Time for STOP Condition
tSU; STO
Standard Mode
4.0
µs
Fast Mode
600
ns
High-Speed Mode
160
ns
Capacitive Load for SDA or SCL
Cb
Standard Mode
400
pF
Line
Fast Mode
400
pF
High-Speed Mode, SCL = 1.7MHz
400
pF
High-Speed Mode, SCL = 3.4MHz
100
pF
Pulse Width of Spike Suppressed
tSP
Fast Mode
0
50
ns
High-Speed Mode
0
10
ns
Noise Margin at the HIGH Level for
Standard Mode
Each Connected Device (Including
VnH
Fast Mode
0.2VDD
V
Hysteresis)
High-Speed Mode
Noise Margin at LOW Level for Each
VnL
Standard Mode
Connected Device (Including
Fast Mode
0.1VDD
V
Hysteresis)
High-Speed Mode
TIMING CHARACTERISTICS (Cont.)
At TA = –40°C to +85°C, +VDD = +2.7V, unless otherwise noted. All values referred to VIHMIN and VILMAX levels.
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
TIMING DIAGRAM
t
rCL
t
BUF
t
LOW
t
fCL
t
HD; STA
t
SP
t
rCL1
t
HD; STA
t
SU; STA
t
HD; DAT
t
SU; DAT
t
HIGH
t
SU; STO
SCL
SDA
t
fDA
t
rDA
START
REPEATED
START
STOP


Similar Part No. - TSC2003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2003 TI1-TSC2003 Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
TSC2003-Q1 TI1-TSC2003-Q1 Datasheet
548Kb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
TSC2003IPW TI1-TSC2003IPW Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
TSC2003IPWG4 TI1-TSC2003IPWG4 Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
TSC2003IPWR TI1-TSC2003IPWR Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2003

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
246Kb / 18P
   I2C Touch Screen Controller
AK4183 AKM-AK4183_08 Datasheet
238Kb / 18P
   I2C Touch Screen Controller
logo
Texas Instruments
TSC2003-Q1 TI1-TSC2003-Q1 Datasheet
548Kb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
168Kb / 17P
   I2C Touch Screen Controller
logo
Texas Instruments
TSC2003 TI1-TSC2003_16 Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com