Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5339 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5339
Description  Integrated Driver & MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5339 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5339 Datasheet HTML 1Page - ON Semiconductor NCP5339 Datasheet HTML 2Page - ON Semiconductor NCP5339 Datasheet HTML 3Page - ON Semiconductor NCP5339 Datasheet HTML 4Page - ON Semiconductor NCP5339 Datasheet HTML 5Page - ON Semiconductor NCP5339 Datasheet HTML 6Page - ON Semiconductor NCP5339 Datasheet HTML 7Page - ON Semiconductor NCP5339 Datasheet HTML 8Page - ON Semiconductor NCP5339 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCP5339
www.onsemi.com
5
Table 5. ELECTRICAL CHARACTERISTICS
(VCIN = 5 V, VIN = 12 V, TA = −40°C to +125°C, unless otherwise noted.)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
SUPPLY CURRENT
VCIN Current (normal mode)
DISB# = 5 V, PWM = switching
(0 V to 5 V), FSW = 400 kHz
18
30
mA
VCIN Current (shutdown mode)
DISB# = GND, ZCD_EN# = VCIN
1
mA
UNDERVOLTAGE LOCKOUT (VCIN)
UVLO Rising
VUVLO
VCIN rising
3.8
4.35
4.5
V
UVLO Hysteresis
HYSUVLO
UVLO rising threshold – UVLO falling
threshold
150
200
250
mV
BOOTSTRAP DIODE
Forward Voltage
Forward bias current = 2 mA
0.1
0.3
0.6
V
PWM INPUT
PWM Input Voltage High
VPWM_HI
3.7
V
PWM Input Voltage Mid−State
VPWM_MID
1.3
3.0
V
PWM Input Voltage Low
VPWM_LO
0.7
V
Tri−State Shutdown Holdoff Time
tholdoff
300
ns
PWM Input Resistance
68
k
W
PWM Input Bias Voltage
2.2
V
OUTPUT DISABLE
Output Disable Input Voltage High
VDISB#_HI
2.0
V
Output Disable Input Voltage Low
VDISB#_LO
0.8
V
Output Disable Hysteresis
HYSDISB#
VDISB#_HI – VDISB#_LO
300
mV
Enable Delay Time (Note 5)
DISB# rising, PWM = 0 V,
GL rising to 10%
25
ms
Output Disable Propagation Delay
DISB# falling, PWM = 0 V, GL
falling to 90%
20
40
ns
ZERO CROSS DETECT
Zero Cross Detect High
VZCD_EN#_HI
2.0
V
Zero Cross Detect Low
VZCD_EN#_LO
0.8
V
Zero Cross Detect Threshold
ZCD_EN# = 0 V
−3
mV
ZCD Blanking + Debounce Timer
tblank
350
ns
THERMAL WARNING/SHUTDOWN
Thermal Warning Temperature (Note 5)
TTHWN
Temperature at driver IC
150
°C
Thermal Warning Hysteresis (Note 5)
HYSTHWN
15
°C
Thermal Shutdown Temperature (Note 5)
TTHSD
Temperature at driver IC
180
°C
Thermal Shutdown Hysteresis (Note 5)
HYSTHSD
25
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Guaranteed by design and/or characterization. This parameter is not tested in production.


Similar Part No. - NCP5339

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331 ONSEMI-NCP5331 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5331FTR2 ONSEMI-NCP5331FTR2 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331FTR2 ONSEMI-NCP5331FTR2 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
More results

Similar Description - NCP5339

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC714CD10 VISHAY-SIC714CD10 Datasheet
187Kb / 10P
   Fast Switching MOSFETs With Integrated Driver
Rev. C, 25-Dec-06
SIC734CD9 VISHAY-SIC734CD9 Datasheet
202Kb / 10P
   Fast Switching MOSFETs With Integrated Driver
Rev. C, 25-Dec-06
logo
Infineon Technologies A...
TDA21201 INFINEON-TDA21201 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
logo
Monolithic Power System...
MP6518 MPS-MP6518 Datasheet
1Mb / 16P
   35V, 1.5A Stepper Motor Driver with Integrated MOSFETs
MP6504 MPS-MP6504 Datasheet
899Kb / 16P
   8V to 32V, 2A, Stepper Motor Driver with Integrated MOSFETs
MP6520 MPS-MP6520 Datasheet
749Kb / 15P
   8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
MP6501A MPS-MP6501A Datasheet
2Mb / 17P
   8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
MP6507 MPS-MP6507 Datasheet
551Kb / 18P
   2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
MP6508 MPS-MP6508 Datasheet
1Mb / 15P
   2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6506 MPS-MP6506 Datasheet
432Kb / 13P
   2.7V-to-15V, 500mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com