Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2003IZQCR Datasheet(PDF) 9 Page - Texas Instruments

Part # TSC2003IZQCR
Description  I2C TOUCH SCREEN CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2003IZQCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSC2003IZQCR Datasheet HTML 5Page - Texas Instruments TSC2003IZQCR Datasheet HTML 6Page - Texas Instruments TSC2003IZQCR Datasheet HTML 7Page - Texas Instruments TSC2003IZQCR Datasheet HTML 8Page - Texas Instruments TSC2003IZQCR Datasheet HTML 9Page - Texas Instruments TSC2003IZQCR Datasheet HTML 10Page - Texas Instruments TSC2003IZQCR Datasheet HTML 11Page - Texas Instruments TSC2003IZQCR Datasheet HTML 12Page - Texas Instruments TSC2003IZQCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TSC2003
9
SBAS162D
www.ti.com
THEORY OF OPERATION
The TSC2003 is a classic Successive Approximation
Register (SAR) Analog-to-Digital (A/D) converter. The archi-
tecture is based on capacitive redistribution which inherently
includes a sample-and-hold function. The converter is fabri-
cated on a 0.6
µ CMOS process.
The basic operation of the TSC2003 is shown in Figure 1.
The device features an internal 2.5V reference and an
internal clock. Operation is maintained from a single supply
of 2.7V to 5.25V. The internal reference can be overdriven
with an external, low-impedance source between 2V and
+VDD. The value of the reference voltage directly sets the
input range of the converter.
The analog input (X, Y, and Z parallel coordinates, auxiliary
inputs, battery voltage, and chip temperature) to the con-
verter is provided via a multiplexer. A unique configuration of
low on-resistance switches allows an unselected A/D con-
verter input channel to provide power, and an accompanying
pin to provide ground for an external device. By maintaining
FIGURE 1. Basic Operation of the TSC2003.
a differential input to the converter, and a differential refer-
ence architecture, it is possible to negate the switch’s on-
resistance error (should this be a source of error for the
particular measurement).
ANALOG INPUT
See Figure 2 for a block diagram of the input multiplexer on
the TSC2003, the differential input of the A/D converter, and
the converter's differential reference.
When the converter enters the Hold mode, the voltage
difference between the +IN and –IN inputs (see Figure 2) is
captured on the internal capacitor array. The input current on
the analog inputs depends on the conversion rate of the
device. During the sample period, the source must charge
the internal sampling capacitor (typically 25pF). After the
capacitor has been fully charged, there is no further input
current. The amount of charge transfer from the analog
source to the converter is a function of conversion rate.
1
2
3
4
5
6
7
8
+V
DD
X+
Y+
X–
Y–
GND
V
BAT1
V
BAT2
IN1
IN2
A0
A1
SCL
SDA
PENIRQ
V
REF
16
15
14
13
12
11
10
9
TSC2003
Serial Clock
Serial Data
Pen Interrupt
+
1
µF
to
10
µF
(Optional)
+2.7V to +5V
Touch
Screen
0.1
µF
1
µF
to
10
µF
(Optional)
0.1
µF
+
Main
Battery
Secondary
Battery
1.2k
50k
1.2k
Auxiliary Input
Auxiliary Input
Voltage
Regulator


Similar Part No. - TSC2003IZQCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2003IPW TI1-TSC2003IPW Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
TSC2003IPWG4 TI1-TSC2003IPWG4 Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
TSC2003IPWR TI1-TSC2003IPWR Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
TSC2003IPWRG4 TI1-TSC2003IPWRG4 Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
TSC2003IPWRQ1 TI1-TSC2003IPWRQ1 Datasheet
548Kb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2003IZQCR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
246Kb / 18P
   I2C Touch Screen Controller
AK4183 AKM-AK4183_08 Datasheet
238Kb / 18P
   I2C Touch Screen Controller
logo
Texas Instruments
TSC2003-Q1 TI1-TSC2003-Q1 Datasheet
548Kb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
168Kb / 17P
   I2C Touch Screen Controller
logo
Texas Instruments
TSC2003 TI1-TSC2003_16 Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com