Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720101 Datasheet(PDF) 3 Page - NEC

Part # UPD720101
Description  USB2.0 HOST CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720101 Datasheet(HTML) 3 Page - NEC

  UPD720101 Datasheet HTML 1Page - NEC UPD720101 Datasheet HTML 2Page - NEC UPD720101 Datasheet HTML 3Page - NEC UPD720101 Datasheet HTML 4Page - NEC UPD720101 Datasheet HTML 5Page - NEC UPD720101 Datasheet HTML 6Page - NEC UPD720101 Datasheet HTML 7Page - NEC UPD720101 Datasheet HTML 8Page - NEC UPD720101 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet S16265EJ4V0DS
3
µPD720101
PCI Bus Interface
: handles 32-bit 33 MHz PCI bus master and target function which comply with PCI
specification release 2.2. The number of enabled ports is set by bit in configuration
space.
Arbiter
: arbitrates among two OHCI host controller cores and one EHCI host controller core.
OHCI Host Controller #1
: handles full- (12 Mbps)/low-speed (1.5 Mbps) signaling at port 1, 3, and 5.
OHCI Host Controller #2
: handles full- (12 Mbps)/low-speed (1.5 Mbps) signaling at port 2 and 4.
EHCI Host Controller
: handles high- (480 Mbps) signaling at port 1, 2, 3, 4, and 5.
Root Hub
: handles USB hub function in host controller and controls connection (routing) between
host controller core and port.
PHY
: consists of high-speed transceiver, full-/low-speed transceiver, serializer, deserializer,
etc.
INTA0
: is the PCI interrupt signal for OHCI Host Controller #1.
INTB0
: is the PCI interrupt signal for OHCI Host Controller #2.
INTC0
: is the PCI interrupt signal for EHCI Host Controller.
SMI0
: is the interrupt signal which is specified by Open Host Controller Interface Specification
for USB Rev 1.0a and Enhanced Host Controller Interface Specification Rev 1.0. The
SMI signal of each OHCI Host Controller and EHCI Host Controller appears at this
signal.
PME0
: is the interrupt signal which is specified by PCI-Bus Power Management Interface
Specification release 1.1. Wakeup signal of each host controller core appears at this
signal.
COMPARISON WITH THE
µPD720100A
µPD720100A
µPD720101 (2nd generation)
EHCI revision
0.95
1.0
EHCI
1
1
OHCI
2
2
Legacy support
Parallel IRQ out support
No parallel IRQ support
Clock
48 MHz OSC or 30 MHz OSC/X’tal
48 MHz OSC or 30 MHz X’tal
Package
176-pin BGA (FP) or 160-pin LQFP
144-pin BGA (FP) or 144-pin LQFP


Similar Part No. - UPD720101

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720101 RENESAS-UPD720101 Datasheet
696Kb / 38P
   MOS INTEGRATED CIRCUIT
UPD720101F1-EA8 RENESAS-UPD720101F1-EA8 Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101F1-EA8 RENESAS-UPD720101F1-EA8 Datasheet
696Kb / 38P
   MOS INTEGRATED CIRCUIT
UPD720101F1-EA8-A RENESAS-UPD720101F1-EA8-A Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101F1-EA8-A RENESAS-UPD720101F1-EA8-A Datasheet
696Kb / 38P
   MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD720101

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT313HQ-R FTDI-FT313HQ-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
FT313HP-R FTDI-FT313HP-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
logo
Renesas Technology Corp
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
R8A66597 RENESAS-R8A66597 Datasheet
1Mb / 187P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Oct 17, 2008
logo
List of Unclassifed Man...
AU6254 ETC2-AU6254 Datasheet
890Kb / 30P
   USB2.0 Hub Controller
logo
ELAN Microelectronics C...
EKF5280 EMC-EKF5280 Datasheet
182Kb / 14P
   USB2.0 Flash Controller
logo
Silicon image
SII3531 SILICONIMAGE-SII3531 Datasheet
217Kb / 2P
   SteelVine??Host Controller
SII0680 SILICONIMAGE-SII0680 Datasheet
207Kb / 2P
   SteelVine??Host Controller
logo
Renesas Technology Corp
PD720201 RENESAS-PD720201 Datasheet
491Kb / 3P
   USB3.0 Host Controller
logo
Intel Corporation
82443BX INTEL-82443BX Datasheet
645Kb / 132P
   Host Bridge/Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com