Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720101 Datasheet(PDF) 1 Page - NEC

Part # UPD720101
Description  USB2.0 HOST CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720101 Datasheet(HTML) 1 Page - NEC

  UPD720101 Datasheet HTML 1Page - NEC UPD720101 Datasheet HTML 2Page - NEC UPD720101 Datasheet HTML 3Page - NEC UPD720101 Datasheet HTML 4Page - NEC UPD720101 Datasheet HTML 5Page - NEC UPD720101 Datasheet HTML 6Page - NEC UPD720101 Datasheet HTML 7Page - NEC UPD720101 Datasheet HTML 8Page - NEC UPD720101 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS INTEGRATED CIRCUIT
µPD720101
USB2.0 HOST CONTROLLER
Document No.
S16265EJ4V0DS00 (4th edition)
Date Published June 2004 NS CP (N)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
2002
The
µPD720101 complies with the Universal Serial Bus Specification Revision 2.0 and Open Host Controller
Interface Specification for full-/low-speed signaling and Intel's Enhanced Host Controller Interface Specification for
high-speed signaling and works up to 480 Mbps. The
µPD720101 is integrated 3 host controller cores with PCI
interface and USB2.0 transceivers into a single chip.
Detailed function descriptions are provided in the following user’s manual. Be sure to read the manual before designing.
µPD720101 User’s Manual: S16336E
FEATURES
• Compliant with Universal Serial Bus Specification Revision 2.0 (Data rate 1.5/12/480 Mbps)
• Compliant with Open Host Controller Interface Specification for USB Rev 1.0a
• Compliant with Enhanced Host Controller Interface Specification for USB Rev 1.0
• PCI multi-function device consists of two OHCI host controller cores for full-/low-speed signaling and one EHCI host
controller core for high-speed signaling.
• Root hub with 5 (max.) downstream facing ports which are shared by OHCI and EHCI host controller cores.
• All downstream facing ports can handle high-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5 Mbps)
transaction.
• Configurable number of downstream facing ports (2 to 5)
• 32-bit 33 MHz host interface compliant to PCI Specification release 2.2
• Supports PCI Mobile Design Guide Revision 1.1
• Supports PCI-Bus Power Management Interface Specification release 1.1
• PCI bus bus-master access
• System clock is generated by 30 MHz X’tal or 48 MHz clock input.
− System clock frequency should be set from system software (BIOS) or EEPROM. More detail, see
µPD720101
User’s Manual.
• Operational registers direct-mapped to PCI memory space
• Legacy support for all downstream facing ports. Legacy support features allow easy migration for motherboard
implementation.
• 3.3 V power supply, PCI signal pins have 5 V tolerant circuit.
ORDERING INFORMATION
Part Number
Package
µPD720101GJ-UEN
144-pin plastic LQFP (Fine pitch) (20
× 20)
µPD720101F1-EA8
144-pin plastic FBGA (12
× 12)


Similar Part No. - UPD720101

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720101 RENESAS-UPD720101 Datasheet
696Kb / 38P
   MOS INTEGRATED CIRCUIT
UPD720101F1-EA8 RENESAS-UPD720101F1-EA8 Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101F1-EA8 RENESAS-UPD720101F1-EA8 Datasheet
696Kb / 38P
   MOS INTEGRATED CIRCUIT
UPD720101F1-EA8-A RENESAS-UPD720101F1-EA8-A Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101F1-EA8-A RENESAS-UPD720101F1-EA8-A Datasheet
696Kb / 38P
   MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD720101

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT313HQ-R FTDI-FT313HQ-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
FT313HP-R FTDI-FT313HP-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
logo
Renesas Technology Corp
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
R8A66597 RENESAS-R8A66597 Datasheet
1Mb / 187P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Oct 17, 2008
logo
List of Unclassifed Man...
AU6254 ETC2-AU6254 Datasheet
890Kb / 30P
   USB2.0 Hub Controller
logo
ELAN Microelectronics C...
EKF5280 EMC-EKF5280 Datasheet
182Kb / 14P
   USB2.0 Flash Controller
logo
Silicon image
SII3531 SILICONIMAGE-SII3531 Datasheet
217Kb / 2P
   SteelVine??Host Controller
SII0680 SILICONIMAGE-SII0680 Datasheet
207Kb / 2P
   SteelVine??Host Controller
logo
Renesas Technology Corp
PD720201 RENESAS-PD720201 Datasheet
491Kb / 3P
   USB3.0 Host Controller
logo
Intel Corporation
82443BX INTEL-82443BX Datasheet
645Kb / 132P
   Host Bridge/Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com