Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73133DBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73133DBVR
Description  Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73133DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS73133DBVR Datasheet HTML 7Page - Texas Instruments TPS73133DBVR Datasheet HTML 8Page - Texas Instruments TPS73133DBVR Datasheet HTML 9Page - Texas Instruments TPS73133DBVR Datasheet HTML 10Page - Texas Instruments TPS73133DBVR Datasheet HTML 11Page - Texas Instruments TPS73133DBVR Datasheet HTML 12Page - Texas Instruments TPS73133DBVR Datasheet HTML 13Page - Texas Instruments TPS73133DBVR Datasheet HTML 14Page - Texas Instruments TPS73133DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
INPUT AND OUTPUT CAPACITOR
OUTPUT NOISE
TPS731xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional input capacitor.
May improve source
impedance, noise, or PSRR.
Optional output capacitor.
May improve load transient,
noise, or PSRR.
Optional bypass
capacitor to reduce
output noise.
V
N
+ 32mVRMS
(R
1
) R2)
R
2
+ 32mVRMS
V
OUT
V
REF
(1)
V
N(mVRMS)
+ 27
mVRMS
V
V
OUT(V)
(2)
TPS731xx
GND
EN
FB
IN
OUT
V
IN
V
OUT
V
OUT =
× 1.204
(R
1 + R2)
R
1
C
FB
R
2
Optional input capacitor.
May improve source
impedance, noise, or PSRR.
Optional output capacitor.
May improve load transient,
noise, or PSRR.
Optional capacitor
reduces output noise.
R2
V
N(mVRMS)
+ 8.5
mVRMS
V
V
OUT(V)
(3)
TPS73101, TPS73115, TPS73118
TPS73125, TPS73130, TPS73132
TPS73133, TPS73150
SBVS034E – SEPTEMBER 2003 – REVISED SEPTEMBER 2004
The TPS731xx belongs to a family of new generation
LDO regulators that use an NMOS pass transistor to
REQUIREMENTS
achieve ultra-low-dropout performance, reverse cur-
rent blockage, and freedom from output capacitor
Although an input capacitor is not required for stab-
constraints. These features, combined with low noise
ility, it is good analog design practice to connect a
and an enable input, make the TPS731xx ideal for
0.1µF to 1µF low ESR capacitor across the input
portable applications. This regulator family offers a
supply near the regulator. This counteracts reactive
wide selection of fixed output voltage versions and an
input sources and improves transient response, noise
adjustable output version. All versions have thermal
rejection, and ripple rejection. A higher-value capaci-
and over-current protection, including foldback cur-
tor may be necessary if large, fast rise-time load
rent limit.
transients are anticipated or the device is located
several inches from the power source.
Figure 31 shows the basic circuit connections for the
fixed voltage models. Figure 32 gives the connections
The TPS731xx does not require an output capacitor
for the adjustable output version (TPS73101).
for stability and has maximum phase margin with no
capacitor. It is designed to be stable for all available
types and values of capacitors. In applications where
VIN - VOUT < 0.5V and multiple low ESR capacitors
are in parallel, ringing may occur when the product of
COUT and total ESR drops below 50nΩF. Total ESR
includes all parasitic resistances, including capacitor
ESR and board, socket, and solder joint resistance.
In most applications, the sum of capacitor ESR and
trace resistance will meet this requirement.
A precision band-gap reference is used to generate
the internal reference voltage, VREF. This reference is
the dominant noise source within the TPS731xx and
Figure 31. Typical Application Circuit for
it
generates
approximately
32µVRMS
(10Hz
to
Fixed-Voltage Versions
100kHz) at the reference output (NR). The regulator
control loop gains up the reference noise with the
same gain as the reference voltage, so that the noise
voltage of the regulator is approximately given by:
Since the value of VREF is 1.2V, this relationship
reduces to:
for the case of no CNR.
An internal 27k
Ω resistor in series with the noise
Figure 32. Typical Application Circuit for
reduction pin (NR) forms a low-pass filter for the
Adjustable-Voltage Versions
voltage reference when an external noise reduction
capacitor, CNR, is connected from NR to ground. For
R1 and R2 can be calculated for any output voltage
CNR = 10nF, the total noise in the 10Hz to 100kHz
using the formula shown in Figure 32. Sample re-
bandwidth is reduced by a factor of ~3.2, giving the
sistor values for common output voltages are shown
approximate relationship:
in Figure 2. For best accuracy, make the parallel
combination of R1 and R2 approximately 19kΩ.
for CNR = 10nF.
11


Similar Part No. - TPS73133DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73133DBVR TI-TPS73133DBVR Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73133DBVR TI1-TPS73133DBVR Datasheet
1Mb / 30P
[Old version datasheet]   Low Dropout Regulator
TPS73133DBVRG4 TI-TPS73133DBVRG4 Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73133DBVRG4 TI1-TPS73133DBVRG4 Datasheet
1Mb / 30P
[Old version datasheet]   Low Dropout Regulator
More results

Similar Description - TPS73133DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731XX TI-TPS731XX Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com