Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720101F1-EA8 Datasheet(PDF) 10 Page - NEC

Part # UPD720101F1-EA8
Description  USB2.0 HOST CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720101F1-EA8 Datasheet(HTML) 10 Page - NEC

Back Button UPD720101F1-EA8 Datasheet HTML 6Page - NEC UPD720101F1-EA8 Datasheet HTML 7Page - NEC UPD720101F1-EA8 Datasheet HTML 8Page - NEC UPD720101F1-EA8 Datasheet HTML 9Page - NEC UPD720101F1-EA8 Datasheet HTML 10Page - NEC UPD720101F1-EA8 Datasheet HTML 11Page - NEC UPD720101F1-EA8 Datasheet HTML 12Page - NEC UPD720101F1-EA8 Datasheet HTML 13Page - NEC UPD720101F1-EA8 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Data Sheet S16265EJ4V0DS
10
µPD720101
2.
HOW TO CONNECT TO EXTERNAL ELEMENTS
2.1
Handling Unused Pins
To realize less than 5 ports host controller implementation, appropriate value shall be set to Port No field in EXT1
register. And unused pins shall be connected as shown below.
Pin
Direction
Connection Method
DPx
I/O
Tied to "low".
DMx
I/O
Tied to "low".
RSDPx
O
No connection (Open)
RSDMx
O
No connection (Open)
OCIx
I
“H” clamp
PPONx
O
No connection (Open)
2.2
USB Port Connection
Figure 2-1. USB Downstream Port Connection
Inside-package
DP
DM
RSDP
RSDM
RS = 36
Ω ± 1%
15 k
Ω ± 5%
Port: D+
Outside-package
Port: D-
RS + Ron (resistance for driver which is active) = 45
Ω ± 10%
ground
RS = 36
Ω ± 1%


Similar Part No. - UPD720101F1-EA8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720101F1-EA8 RENESAS-UPD720101F1-EA8 Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101F1-EA8 RENESAS-UPD720101F1-EA8 Datasheet
696Kb / 38P
   MOS INTEGRATED CIRCUIT
UPD720101F1-EA8-A RENESAS-UPD720101F1-EA8-A Datasheet
463Kb / 38P
   USB 2.0 HOST CONTROLLER
UPD720101F1-EA8-A RENESAS-UPD720101F1-EA8-A Datasheet
696Kb / 38P
   MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD720101F1-EA8

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT313HQ-R FTDI-FT313HQ-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
FT313HP-R FTDI-FT313HP-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
logo
Renesas Technology Corp
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
R8A66597 RENESAS-R8A66597 Datasheet
1Mb / 187P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Oct 17, 2008
logo
List of Unclassifed Man...
AU6254 ETC2-AU6254 Datasheet
890Kb / 30P
   USB2.0 Hub Controller
logo
ELAN Microelectronics C...
EKF5280 EMC-EKF5280 Datasheet
182Kb / 14P
   USB2.0 Flash Controller
logo
Silicon image
SII3531 SILICONIMAGE-SII3531 Datasheet
217Kb / 2P
   SteelVine??Host Controller
SII0680 SILICONIMAGE-SII0680 Datasheet
207Kb / 2P
   SteelVine??Host Controller
logo
Renesas Technology Corp
PD720201 RENESAS-PD720201 Datasheet
491Kb / 3P
   USB3.0 Host Controller
logo
Intel Corporation
82443BX INTEL-82443BX Datasheet
645Kb / 132P
   Host Bridge/Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com