Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN50300T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VN50300T
Description  N-Channel 500-V (D-S) MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VN50300T Datasheet(HTML) 4 Page - Vishay Siliconix

  VN50300T Datasheet HTML 1Page - Vishay Siliconix VN50300T Datasheet HTML 2Page - Vishay Siliconix VN50300T Datasheet HTML 3Page - Vishay Siliconix VN50300T Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VN50300L/VN50300T
Vishay Siliconix
www.vishay.com
11-4
Document Number: 70216
S-04279—Rev. D, 16-Jul-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
1
10
100
100
10
1
Threshold Region
Capacitance
Normalized Effective Transient Thermal Impedance, Junction-to-Ambient (TO-226AA)
Gate Charge
Load Condition Effects on Switching
t1 – Square Wave Pulse Duration (sec)
ID – Drain Current (A)
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (pC)
td(on)
td(off)
tr
tf
10
1
0.01
01
7
2
345
6
–55
_C
VDS = 5 V
0.1
TJ = 150_C
12
10
8
0
010
50
6
4
20
30
40
2
C iss
C rss
VGS = 0 V
f = 1 MHz
10 K
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
1
0.01
0.1
0.1
1
100
10
1 K
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 156
_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
Notes:
PDM
t2
30
25
20
0
0
25
200
15
10
50
100
150
5
VDS = 250 V
400 V
VDD = 25 V
RG = 25
W
VGS = 0 to 10 V
25
_C
125
_C
C oss
Single Pulse
0.01
ID = 10 mA


Similar Part No. - VN50300T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5010AK-E STMICROELECTRONICS-VN5010AK-E Datasheet
618Kb / 31P
   High side driver with analog current sense for automotive applications
VN5010AK.E STMICROELECTRONICS-VN5010AK.E Datasheet
1Mb / 22P
   for car body applications
VN5010AKTR-E STMICROELECTRONICS-VN5010AKTR-E Datasheet
618Kb / 31P
   High side driver with analog current sense for automotive applications
VN5012AK-E STMICROELECTRONICS-VN5012AK-E Datasheet
610Kb / 31P
   Single channel high side driver with analog current sense for automotive applications
VN5012AK.E STMICROELECTRONICS-VN5012AK.E Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - VN50300T

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM12N50P ANALOGPOWER-AM12N50P Datasheet
330Kb / 5P
   N-Channel 500-V (D-S) MOSFET
AM9N50P ANALOGPOWER-AM9N50P Datasheet
330Kb / 5P
   N-Channel 500-V (D-S) MOSFET
logo
Vishay Siliconix
VN2010L VISHAY-VN2010L Datasheet
45Kb / 4P
   N-Channel 200-V (D-S) MOSFETs
Rev. C, 16-Jul-01
SIZ728DT VISHAY-SIZ728DT_12 Datasheet
211Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ730DT VISHAY-SIZ730DT_12 Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ728DT VISHAY-SIZ728DT Datasheet
210Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SIZ728DT VISHAY-SIZ728DT_V01 Datasheet
215Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
08-Feb-17
SIZ704DT VISHAY-SIZ704DT_V01 Datasheet
201Kb / 14P
   N-Channel 30-V (D-S) MOSFETs
01-Jan-2022
SUM90100E VISHAY-SUM90100E_V01 Datasheet
193Kb / 8P
   N-Channel 200 V (D-S) MOSFETS
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com