Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N9913A Datasheet(PDF) 5 Page - Keysight Technologies

Part # N9913A
Description  FieldFox Handheld Analyzers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9913A Datasheet(HTML) 5 Page - Keysight Technologies

  N9913A Datasheet HTML 1Page - Keysight Technologies N9913A Datasheet HTML 2Page - Keysight Technologies N9913A Datasheet HTML 3Page - Keysight Technologies N9913A Datasheet HTML 4Page - Keysight Technologies N9913A Datasheet HTML 5Page - Keysight Technologies N9913A Datasheet HTML 6Page - Keysight Technologies N9913A Datasheet HTML 7Page - Keysight Technologies N9913A Datasheet HTML 8Page - Keysight Technologies N9913A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
05 | Keysight | FieldFox Handheld Analyzers 4/6.5/9/14/18/26.5/32/44/50 GHz - Data Sheet
Cable and Antenna Analyzer and Vector Network Analyzer (continued)
Test port output specifications
High power in N991xA and N992xA refers to the target output power level of the analyzer when the Power Setting is set to High. As an
example, if you have a frequency sweep from 3 to 6.5 GHz, the analyzer will achieve the power level of -1 dBm across the band.
Low power level for N991xA and N992xA analyzers is a flat -45 dBm across the whole frequency band, and is the output of the analyzer
when the Power Setting is set to Low.
_____________________________________________________________________________________________________________________________
High power in the N995xA refers to the target output power level of the analyzer when the Power Setting is set to High. As an example,
if you have a frequency sweep from 39 to 46 GHz, the analyzer will achieve the power level to -2 dBm across the band.
Low power level for N995xA analyzers is the lowest power level that can be set and is the output of the analyzer when the Power Setting
is set to Low.
Max leveled power in the N995xA refers to the maximum leveled (flattened) power that can be achieved across the designated frequency
range. For example, if you have a frequency sweep from 32 to 44 GHz, and set up the analyzer to measure all four S-parameters, needing
both ports 1 and 2, the maximum power the analyzer can be set to is -6 dBm.
Test port output power (dBm), high power
Typical
Nominal
N991xA, N992xA
port 1 or port 2
port 1 or port 2
30 to 300 kHz
-11
> 300 kHz to 2 MHz
-3
-2
> 2 to 625 MHz
-2
-1
> 625 MHz to 3 GHz
1
3
> 3 to 6.5 GHz
-1
1
> 6.5 to 9 GHz
-2
0
> 9 to 14 GHz
-4
-2.5
> 14 to 18 GHz
-6
-4.5
> 18 to 23 GHz
-10
-8.5
> 23 to 26.5 GHz
-12
-11
Test port output power (dBm), low power
Typical
Nominal
N991xA, N992xA
port 1 or port 2
port 1 or port 2
30 kHz to 26.5 GHz
-45 (flattened)


Similar Part No. - N9913A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9913A-010 KEYSIGHT-N9913A-010 Datasheet
6Mb / 48P
   FieldFox Handheld Analyzers
N9913A-030 KEYSIGHT-N9913A-030 Datasheet
6Mb / 48P
   FieldFox Handheld Analyzers
N9913A-211 KEYSIGHT-N9913A-211 Datasheet
6Mb / 48P
   FieldFox Handheld Analyzers
More results

Similar Description - N9913A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9926A KEYSIGHT-N9926A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9938A KEYSIGHT-N9938A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9935A KEYSIGHT-N9935A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9928A KEYSIGHT-N9928A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9936A KEYSIGHT-N9936A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9960A KEYSIGHT-N9960A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9918A KEYSIGHT-N9918A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9951A KEYSIGHT-N9951A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9961A KEYSIGHT-N9961A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9913A-010 KEYSIGHT-N9913A-010 Datasheet
6Mb / 48P
   FieldFox Handheld Analyzers
N9937A KEYSIGHT-N9937A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com