Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N9923A Datasheet(PDF) 10 Page - Keysight Technologies

Part # N9923A
Description  N9923A FieldFox RF Vector Network Analyzer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9923A Datasheet(HTML) 10 Page - Keysight Technologies

Back Button N9923A Datasheet HTML 6Page - Keysight Technologies N9923A Datasheet HTML 7Page - Keysight Technologies N9923A Datasheet HTML 8Page - Keysight Technologies N9923A Datasheet HTML 9Page - Keysight Technologies N9923A Datasheet HTML 10Page - Keysight Technologies N9923A Datasheet HTML 11Page - Keysight Technologies N9923A Datasheet HTML 12Page - Keysight Technologies N9923A Datasheet HTML 13Page - Keysight Technologies N9923A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Dynamic accuracy
Accuracy of the test port input power, relative to the specified port power.
0.01
0.1
1
10
-80
-70
-60
-50
-40
-30
-20
-10
0
Relative Port Power with repect to +5dBm (dB)
Phase Dynamic Accuracy -High Port Power
2MHz to 4 GHz
4 to 6 GHz
Figure 10: Dynamic accuracy (specification)
0.001
0.01
0.1
1
10
-80
-70
-60
-50
-40
-30
-20
-10
0
Relative Port Power with repect to +5dBm (dB)
Magnitude Dynamic Accuracy - High Port Power
2MHz to 4 GHz
4 to 6 GHz
Time Domain (Option 010)
Using time domain, data from transmission or reflection measurements in the frequency
domain are converted to the time domain. The time-domain response shows the measured
parameter value versus time.
Time stimulus modes
– Low-pass step
This stimulus, similar to a traditional time domain reflectometer (TDR) stimulus
waveform, is used to measure low-pass devices. The frequency-domain data should
extend from DC (extrapolated value) to a higher value.
– Low-pass impulse
This stimulus is also used to measure low-pass devices.
– Bandpass impulse
The bandpass impulse stimulates a pulsed RF signal and is used to measure the
time-domain response of band-limited devices.
Windows
The windowing function can be used to filter the frequency-domain data and thereby
reduce overshoot and ringing in the time-domain response.
Gating
The gating function can be used to selectively remove reflection or transmission time-
domain responses. In converting back to the frequency domain the effects of the responses
outside the gate are removed.
10 | Keysight | N9923A FieldFox RF Vector Network Analyzer - Data Sheet


Similar Part No. - N9923A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9923A-030 KEYSIGHT-N9923A-030 Datasheet
2Mb / 18P
   N9923A FieldFox RF
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
N9923A-330 KEYSIGHT-N9923A-330 Datasheet
2Mb / 18P
   N9923A FieldFox RF
More results

Similar Description - N9923A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9923A-030 KEYSIGHT-N9923A-030 Datasheet
2Mb / 18P
   N9923A FieldFox RF
N9923A-330 KEYSIGHT-N9923A-330 Datasheet
2Mb / 18P
   N9923A FieldFox RF
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
N9912A KEYSIGHT-N9912A Datasheet
2Mb / 34P
   N9912A FieldFox RF Handheld Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com