Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N9938A Datasheet(PDF) 7 Page - Keysight Technologies

Part # N9938A
Description  FieldFox Handheld Analyzers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9938A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N9938A Datasheet HTML 3Page - Keysight Technologies N9938A Datasheet HTML 4Page - Keysight Technologies N9938A Datasheet HTML 5Page - Keysight Technologies N9938A Datasheet HTML 6Page - Keysight Technologies N9938A Datasheet HTML 7Page - Keysight Technologies N9938A Datasheet HTML 8Page - Keysight Technologies N9938A Datasheet HTML 9Page - Keysight Technologies N9938A Datasheet HTML 10Page - Keysight Technologies N9938A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
07 | Keysight | FieldFox Handheld Analyzers 4/6.5/9/14/18/26.5/32/44/50 GHz - Data Sheet
System dynamic range1,2 (dB), high power, 300 Hz IFBW, 100 point average, Port 1 or port 2 (-10 to 55 ºC)
Frequency
Spec
Typical
N991xA, N992xA
> 300 kHz to 9 GHz3
95
100
> 9 to 14 GHz
91
97
> 14 to 18 GHz
90
94
> 18 to 20 GHz
87
90
> 20 to 25 GHz
74
79
> 25 to 26.5 GHz
65
70
N995xA
> 300 kHz to 1 MHz
70 (nominal)
> 1 to 10 MHz
100 (nominal)
> 10 MHz to 20 GHz4
100
110
> 20 to 44 GHz5
90
100
> 44 to 50 GHz6
81
90
Cable and Antenna Analyzer and Vector Network Analyzer (continued)
System performance specifications
Temperature stability
Nominal
Frequency
Magnitude (dB/ºC)
Phase (deg/ºC)
N991xA, N992xA
≤ 15 GHz
± 0.018
> 15 to 26.5 GHz
± 0.080
N995xA
≤ 15 GHz
± 0.005
± 0.1
≤ 25 GHz
± 0.030
± 0.3
> 25 GHz
± 0.060
± 0.6
1. System dynamic range is measured in factory with loads on test ports after thru normalization, test port output power high.
2. For CAT mode, “Insertion loss (2-port)”, decrease listed dynamic range specifications by 20 dB, as CAT mode IFBW is fixed at 10 kHz. Can obtain full
dynamic range by using S21 measurement in VNA mode with 100 Hz IFBW.
3. < 300 kHz: 63 dB nominal; 2 to 9 MHz: 85 dB spec, 90 dB typical.
4. Decrease by 3 dB between 15 to 15.8 GHz for S21.
5. Decrease by 5 dB between 21.7 to 22.1 GHz for S21.
6. Decrease by 4 dB between 44 to 50 GHz for S21.
7. 850 μs /pt; applicable for FieldFox with serial number prefix < than MY5607/SG5607/US5607 and FieldFox not upgraded with Option
N9910HU-100/200/300.
8. 850 μs /pt; applicable for FieldFox with serial number prefix < than MY5607/SG5607/US5607 and FieldFox not upgraded with Option
N9910HU-100/200/300/400.
Measurement speed (Sweep time)
CAT
N991xA, N992xA
N995xA
Return loss, 30 kHz to 26.5 GHz, 1-port cal, 1001 points7
433 μs /pt
Return loss, 300 kHz to 50 GHz, 1-port cal, 1001 points
650 μs /pt
Distance-to-fault, 100 meter cable, 1-port cal, 1001 points7
480 μs /pt
650 μs /pt
VNA
N991xA, N992xA
N995xA
S11 and S21, 30 kHz to 26.5 GHz, enhanced response cal,
100 kHz IF bandwidth, 1001 points8
483 μs /pt
S11 and S21, 300 kHz to 50 GHz, enhanced response cal,
100 kHz IF bandwidth, 1001 points
580 μs /pt


Similar Part No. - N9938A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9935A KEYSIGHT-N9935A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9936A KEYSIGHT-N9936A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9937A KEYSIGHT-N9937A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
More results

Similar Description - N9938A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9926A KEYSIGHT-N9926A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9935A KEYSIGHT-N9935A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9928A KEYSIGHT-N9928A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9936A KEYSIGHT-N9936A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9960A KEYSIGHT-N9960A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9918A KEYSIGHT-N9918A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9951A KEYSIGHT-N9951A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9961A KEYSIGHT-N9961A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
N9913A-010 KEYSIGHT-N9913A-010 Datasheet
6Mb / 48P
   FieldFox Handheld Analyzers
N9937A KEYSIGHT-N9937A Datasheet
8Mb / 48P
   FieldFox Handheld Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com