Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCA0603RFKEA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RCA0603RFKEA
Description  Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCA0603RFKEA Datasheet(HTML) 4 Page - Vishay Siliconix

  RCA0603RFKEA Datasheet HTML 1Page - Vishay Siliconix RCA0603RFKEA Datasheet HTML 2Page - Vishay Siliconix RCA0603RFKEA Datasheet HTML 3Page - Vishay Siliconix RCA0603RFKEA Datasheet HTML 4Page - Vishay Siliconix RCA0603RFKEA Datasheet HTML 5Page - Vishay Siliconix RCA0603RFKEA Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RCA e3
www.vishay.com
Vishay Draloric
Revision: 08-Apr-14
4
Document Number: 20037
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
PERFORMANCE IN SULFUR-CONTAINING AMBIANCE
TEST NAME
HUMID SULFUR VAPOR TEST
HUMID SULFUR VAPOR TEST
(Accelerated)
Reference specification
ASTM B809-95
ASTM B809-95
accelerated conditions
Test conditions
(temperature, humidity)
60 °C ± 2 °C
85 % ± 4 % RH
90 °C ± 2 °C
74 % ± 7 % RH
Aggressive agent
Sulfur (saturated vapor)
Sulfur (saturated vapor)
Failure criteria in VI under magnification
No silver sulfide growth at the interface
between termination and protective overcoat.
No signs of mechanical damage.
No silver sulfide growth at the interface
between termination and protective overcoat.
No signs of mechanical damage.
Failure criteria in electrical test
 (± 1 % R + 0.05 )
 (± 1 % R + 0.05 )
Time before failure
8000 h
1000 h
- 55
- 25
0
25
50
75
100
125
155 175
120
100
80
60
40
20
0
70
Derating
Ambient Temperature in °C


Similar Part No. - RCA0603RFKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCA0603 VISHAY-RCA0603 Datasheet
88Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
RCA0603-AUE4 VISHAY-RCA0603-AUE4 Datasheet
122Kb / 8P
   Sulfur Resistant, Gold Terminated Thick Film Chip Resistors
RCA0603-IFE3 VISHAY-RCA0603-IFE3 Datasheet
135Kb / 10P
   Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
More results

Similar Description - RCA0603RFKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCA0603 VISHAY-RCA0603 Datasheet
88Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
RCAE3 VISHAY-RCAE3 Datasheet
81Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com