Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3032 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP3032
Description  WHITE LED STEP-UP CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3032 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3032 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3032 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet
WHITE LED STEP-UP CONVERTER
AP3032
Dec. 2012 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
8
Typical Performance Characteristics (Continued)
The WLED forward voltage (VF) is 3.2V at ILED=20mA, unless otherwise noted.
Figure 12. Frequency vs. Temperature
Figure 13. OVP Voltage vs. Temperature
Figure 14. Case Temperature vs. Input voltage
-60
-40
-20
0
20
40
60
80
100
120
140
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Temperature (
oC)
3
456789
20
30
40
50
60
70
80
90
100
Input Voltage (V)
T
A
=25
oC
7S4P,20mA Per Channel
-60
-40
-20
0
20
40
60
80
100
120
140
20
22
24
26
28
30
Temperature (
oC)


Similar Part No. - AP3032

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3032 DIODES-AP3032 Datasheet
482Kb / 13P
   WHITE LED STEP-UP CONVERTER
Dec. 2012 Rev. 1. 2
AP3032KTR-G1 DIODES-AP3032KTR-G1 Datasheet
482Kb / 13P
   WHITE LED STEP-UP CONVERTER
Dec. 2012 Rev. 1. 2
More results

Similar Description - AP3032

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
   WHITE LED STEP-UP CONVERTER
AP3031 BCDSEMI-AP3031 Datasheet
340Kb / 16P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com