Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3608E Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3608E
Description  EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3608E Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3608E Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3608E Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
AP3608E
5
Mar. 2011 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Data Sheet
Ordering Information
Package
Temperature Range
Part Number
Marking ID
Packing Type
QFN-4
×4-24
-40 to 85oC
AP3608EFNTR-G1
B3B
Tape & Reel
TSSOP-20(EDP)
AP3608EGTR-G1
AP3608EG-G1
Tape & Reel
SOIC-20
AP3608EM-G1
AP3608EM-G1
Tube
AP3608EMTR-G1
AP3608EM-G1
Tape & Reel
Circuit Type
Package
FN: QFN-4×4-24
G1: Green
AP3608E
-
TR: Tape and Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant and green.
Parameter
Symbol
Value
Unit
Input Voltage
VCC
-0.3 to 6
V
ISET Pin Voltage
VISET
-0.3 to 6
V
EN Pin Voltage
VEN
-0.3 to 6
V
Feedback Pin Voltage
VFB
-0.3 to 6
V
SDB Pin Voltage
VSDB
-0.3 to 6
V
PWM Pin Voltage
VPWM
-0.3 to 6
V
Voltage per Channel (Note 3)
VCHX
-0.3 to 40
V
Thermal Resistance
(Junction to Ambient, No Heat Sink)
θJA
QFN-4
×4-24
60
oC/W
TSSOP-20(EDP)
35 (Note 2)
SOIC-20
87
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
ESD (Machine Model)
200
V
ESD (Human Body Model)
6000
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 2: The chip is soldered to 60mm2 (4mm
×15mm) copper (top side solder mask) of 1oz. on PCB with 8×0.5mm vias.
Note 3: Breakdown voltage.
Absolute Maximum Ratings (Note 1)
G: TSSOP-20(EDP)
Blank: Tube
M: SOIC-20


Similar Part No. - AP3608E

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP36016M A-POWER-AP36016M Datasheet
71Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3601N A-POWER-AP3601N Datasheet
66Kb / 5P
   Simple Drive Requirement
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
BCD Semiconductor Manuf...
AP3602AKTR-E1 BCDSEMI-AP3602AKTR-E1 Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
More results

Similar Description - AP3608E

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3609 BCDSEMI-AP3609 Datasheet
770Kb / 13P
   EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
AP3616 BCDSEMI-AP3616 Datasheet
1Mb / 16P
   SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
ICN2038S ETC1-ICN2038S Datasheet
1Mb / 18P
   (16-Channel Constant Current LED Sink Driver with Dual Latch)
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com