Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3612 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3612
Description  Boost Type LED Driver with 12-Channel Current Source
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3612 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3612 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3612 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Preliminary Datasheet
Boost Type LED Driver with 12-Channel Current Source
AP3612
Aug. 2012 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
3
Pin Description
Pin Number
Pin Name
Function
HSOP-28
SOIC-24
28,1,2,3,4,5,
8,9,10,11,12 ,14
18,19,20,21, 22,23,
1, 2, 3, 4, 5, 7
CH1 to CH12
LED current sink. Leave the pin open directly
if not used
6, 21,25
NC
No connection
7, 20
24
GND
Ground pin
13
6
ISET
LED current setting pin. The corresponding
maximum current of all strings is set through
connecting a resistor from this pin to GND
15
8
OVP
Over voltage protection pin. When the OVP
pin voltage exceeds 2.0V, the OVP is triggered
and the power switch is turned off. When the
OVP pin voltage drops below hysteresis
voltage, the OVP is released and the power
switch will resume normal operation
16
9
RT
Frequency control pin
17
10
EN
ON/OFF control pin. Forcing this pin above
2.4V enables the IC while below 0.5V shuts
down the IC. When the IC is in shutdown
mode, all functions are disabled to decrease
the supply current below 3
µA
18
11
CS
Power switch current sense input
19
12
OUT
Boost converter power switch gate output.
This pin output high voltage (5V/VIN-0.5V) to
drive the external N-MOSFET
22
13
VCC
5V linear regulator output pin. This pin should
be bypassed to GND (recommend to connect
with GND pin) with a ceramic capacitor
23
14
VIN
Supply input pin. A capacitor (typical 10
µF)
should be connected between the VIN and
GND to keep the DC input voltage constant
24
15
STATUS
LED operation status output
26
16
COMP
Soft-start and control loop compensation
27
17
DIM
PWM dimming control pin. Adding a PWM
signal to this pin to control LED dimming. If
not used, connect it to the high level


Similar Part No. - AP3612

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3615 BCDSEMI-AP3615 Datasheet
776Kb / 13P
   5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3615FNTR-G1 BCDSEMI-AP3615FNTR-G1 Datasheet
776Kb / 13P
   5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3616 BCDSEMI-AP3616 Datasheet
1Mb / 16P
   SIXTEEN-CHANNEL, 75mA CURRENT SINK WITH CURRENT MATCH
More results

Similar Description - AP3612

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3554 ISSI-IS31LT3554 Datasheet
340Kb / 13P
   BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
IS31LT3552 ISSI-IS31LT3552 Datasheet
326Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS32BL3552 ISSI-IS32BL3552 Datasheet
350Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS32BL3554 ISSI-IS32BL3554 Datasheet
344Kb / 13P
   BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
logo
Diodes Incorporated
AL3066 DIODES-AL3066 Datasheet
495Kb / 14P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
AL3065 DIODES-AL3065 Datasheet
573Kb / 15P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
AP3064 DIODES-AP3064 Datasheet
707Kb / 20P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
logo
Linear Technology
LTM8042-1 LINER-LTM8042-1_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
LTM8042 LINER-LTM8042_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com