Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3064 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3064
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3064 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3064 Datasheet HTML 1Page - Diodes Incorporated AP3064 Datasheet HTML 2Page - Diodes Incorporated AP3064 Datasheet HTML 3Page - Diodes Incorporated AP3064 Datasheet HTML 4Page - Diodes Incorporated AP3064 Datasheet HTML 5Page - Diodes Incorporated AP3064 Datasheet HTML 6Page - Diodes Incorporated AP3064 Datasheet HTML 7Page - Diodes Incorporated AP3064 Datasheet HTML 8Page - Diodes Incorporated AP3064 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AP3064
Document number: DS37485 Rev. 2 - 2
4 of 20
www.diodes.com
September 2015
© Diodes Incorporated
AP3064
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Value
Unit
VIN
Input Voltage
-0.3 to 42
V
VCH
CH1 to CH4 Voltage
-0.3 to 65
V
VEN
EN Pin Voltage
-0.3 to 7
V
VCC
VCC Pin Voltage
-0.3 to 7
V
VCS
CS Pin Voltage
-0.3 to 7 (Note 5)
V
VCOMP
COMP Pin Voltage
-0.3 to 7
V
VISET
ISET Pin Voltage
-0.3 to 7
V
VOUT
OUT Pin Voltage
-0.3 to 7
V
VOVP
OVP Pin Voltage
-0.3 to 7
V
VRT
RT Pin Voltage
-0.3 to 7
V
VSTATUS
STATUS Pin Voltage
-0.3 to 7
V
VDIM
DIM Pin Voltage
-0.3 to 7
V
VGND
GND Pin Voltage
-0.3 to 0.3
V
θJA
Thermal Resistance (Junction to Ambient, Free
Air, No Heatsink)
SOIC-16
100
ºC/W
PSOP-16
50
DIP-16
85
QFN-4×4-16
55
TJ
Operating Junction Temperature
+150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
TLEAD
Lead Temperature
(Soldering, 10sec)
+260
ºC
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
Notes:
4. Stresses greater than those lis
ted under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5. Negative CS 100ns Transient maximum rating voltage reach to -0.4V.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
4.5
33
V
fO
Operating Frequency
0.1
1
MHz
VCHX
LED Channel Voltage
60
V
ICHX
LED Channel Current
20
220
mA
fPWM
PWM Dimming Frequency
0.1
20
kHz
TA
Operating Ambient Temperature Range
-40
+85
ºC


Similar Part No. - AP3064

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AP30610 SCHNEIDER-AP30610 Datasheet
70Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 600A
AP3066 SCHNEIDER-AP3066 Datasheet
70Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 6 FT 600A
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
AP3068GTR-G1 BCDSEMI-AP3068GTR-G1 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Schneider Electric
AP306G10 SCHNEIDER-AP306G10 Datasheet
70Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 600A
More results

Similar Description - AP3064

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL3066 DIODES-AL3066 Datasheet
495Kb / 14P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
AL3065 DIODES-AL3065 Datasheet
573Kb / 15P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
logo
Integrated Silicon Solu...
IS31LT3554 ISSI-IS31LT3554 Datasheet
340Kb / 13P
   BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
logo
BCD Semiconductor Manuf...
AP3612 BCDSEMI-AP3612 Datasheet
684Kb / 18P
   Boost Type LED Driver with 12-Channel Current Source
logo
Integrated Silicon Solu...
IS31LT3552 ISSI-IS31LT3552 Datasheet
326Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS32BL3552 ISSI-IS32BL3552 Datasheet
350Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS32BL3554 ISSI-IS32BL3554 Datasheet
344Kb / 13P
   BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
logo
Linear Technology
LTM8042-1 LINER-LTM8042-1_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
LTM8042 LINER-LTM8042_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
LTM8042 LINER-LTM8042 Datasheet
267Kb / 32P
   關Module Boost LED Driver and Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com