Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1272A Datasheet(PDF) 8 Page - Keysight Technologies

Part # U1272A
Description  U1270 Series Handheld Digital Multimeters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1272A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button U1272A Datasheet HTML 4Page - Keysight Technologies U1272A Datasheet HTML 5Page - Keysight Technologies U1272A Datasheet HTML 6Page - Keysight Technologies U1272A Datasheet HTML 7Page - Keysight Technologies U1272A Datasheet HTML 8Page - Keysight Technologies U1272A Datasheet HTML 9Page - Keysight Technologies U1272A Datasheet HTML 10Page - Keysight Technologies U1272A Datasheet HTML 11Page - Keysight Technologies U1272A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
General Specifications
Display
U1271A and U1272A: Liquid crystal display (LCD) (with maximum reading of 33,000 counts)
U1273A/U1273AX: Organic LED (OLED) display (with maximum reading of 33,000 counts)
Power consumption
U1271A/U1272A: 460 mVA maximum (with backlight enabled)
U1273A/U1273AX: 180 mVA maximum (with maximum brightness)
Battery type
4 × 1.5 V Alkaline battery (ANSI/NEDA 24A or IEC LR03), or
4 × 1.5 V Zinc Chloride battery (ANSI/NEDA 24D or IEC R03)
4 × 1.5 V Lithium battery (ANSI/NEDA 24LF or IEC FR03)
Battery life
U1271A and U1272A: 300 hours typical (based on new Alkaline batteries for DC voltage measurement)
U1273A/U1273AX:
Based on new Alkaline batteries for DC voltage measurement:
30/45/60 hours typical at High/Medium/Low brightness, respectively
Based on new Lithium batteries for DC voltage measurement:
50/100 hours typical at High/Low brightness, respectively
Low battery indicator will flash when the battery voltage drops:
For non-rechargeable batteries: 4.4 V (approximately)
For rechargeable batteries: 4.5 V (approximately)
Fuse
10 × 35 mm 440 mA/1000 V 30 kA fast-acting fuse
10 × 38 mm 11 A/1000 V 30 kA fast-acting fuse
Input impedance at off mode
1.67 kΩ (protected by positive temperature coefficient resistor)
(U1272A, U1273A and U1273AX only)
Operating environment
Operating temperature:
U1271A/ U1272A/U1273A: –20 to 55 °C, 0% to 80% RH
U1273AX: –40 to 55 °C, 0% to 80% RH (using Lithium batteries)
Full accuracy up to 80% RH for temperatures up to 30 °C, decreasing linearly to
50% RH at 55 °C
Altitude up to 3000 meters
Pollution degree II
Storage compliance
–40 to 70 °C, 0 to 80% RH
Safety compliance
CAN/CSA-C22.2 No. 61010-1-04
EN/IEC 61010-1:2001
ANSI/UL 61010-1:2004
Measurement category
CAT III 1000 V/CAT IV 600 V
Electromagnetic compatibility (EMC)
Commercial limits compliance with EN61326-1
Ingress protection rating
IP-54
Temperature coefficient
U1271A/U1272A/U1273A: 0.05 × (specified accuracy)/°C (from –20 to 18 °C, or 28 to 55 °C)
U1273AX: 0.05 x (specified accuracy/ °C (from –40 to 18 °C, or 28 to 55 °C)
Common Mode Rejection Ratio (CMRR)
> 120 dB at DC, 50/60 Hz ± 0.1% (1 kΩ unbalanced)
Normal Mode Rejection Ration (NMRR)
> 60 dB at 50/60 Hz ± 0.1%
Dimensions (W x H x D)
92 × 207 × 59 mm
Weight
U1271A: 518 grams (with batteries)
U1272A: 520 grams (with batteries)
U1273A: 500 grams (with batteries)
U1273AX: 500 grams (with batteries)
Warranty
Three years for product
Three months for product’s accessories
Calibration cycle
One year
8 | Keysight | U1270 Series Handheld Digital Multimeters - Data Sheet


Similar Part No. - U1272A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1272A KEYSIGHT-U1272A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1272A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com