Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1451A Datasheet(PDF) 10 Page - Keysight Technologies

Part # U1451A
Description  Insulation Resistance Testers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1451A Datasheet(HTML) 10 Page - Keysight Technologies

Back Button U1451A Datasheet HTML 6Page - Keysight Technologies U1451A Datasheet HTML 7Page - Keysight Technologies U1451A Datasheet HTML 8Page - Keysight Technologies U1451A Datasheet HTML 9Page - Keysight Technologies U1451A Datasheet HTML 10Page - Keysight Technologies U1451A Datasheet HTML 11Page - Keysight Technologies U1451A Datasheet HTML 12Page - Keysight Technologies U1451A Datasheet HTML 13Page - Keysight Technologies U1451A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10 | Keysight | U1450A/U1460A Insulation Resistance Testers - Data Sheet
U1451A/U1452A/U1452AT EN61557 speciications
The following specifications are a requirement for European labeling.
Intrinsic uncertainty
Measurement
U1451A
U1452A/U1452AT
Operating uncertainty1
Voltage
± (0.5% + 2)
± (0.2% + 2)
30%
Earth-bond resistance
± (1.5% + 3)
± (1.0% + 3)
30%
Insulation resistance
Based on the test voltage and range. Refer to insulation resis-
tance speciications for U1451A/U1452A/U1452AT.
30%
1.
The maximum resistance to meet the standard of EN61557-1, 5.2.4, which indicates the maximum amount allowed as less than 30%
Test voltage1, 2, 3
IR <
Intrinsic uncertainty (A)
Temperature (E3)
Operating uncertainty
50 V
12.85 GΩ
27.6%
2%
27.6% + 1.15 x E3
100 V
25.7 GΩ
27.6%
2%
27.6% + 1.15 x E3
250 V
65.5 GΩ
27.6%
2%
27.6% + 1.15 x E3
500 V
131 GΩ
27.6%
2%
27.6% + 1.15 x E3
1000 V
260 GΩ
27.4%
2%
27.4% + 1.15 x E3
1.
Speciication conidence level to 99.73% as coverage factor up to 3
2.
Temperature range is from 0 to 35 °C
3.
Test voltage/maximum range for different models:
Test voltage U1451A
U1452A
U1452AT
50 V
60 GΩ
60 GΩ
100 V
60 GΩ
60 GΩ
250 V
60 GΩ
200 GΩ
500 V
60 GΩ
200 GΩ
1000 V
60 GΩ
200 GΩ
U1453A/U1461A EN61557 speciications
The following specifications are a requirement for European labeling.
Intrinsic uncertainty
Measurement
U1461A
U1453A
Operating uncertainty1
Voltage
± (0.09% + 1)
± (0.09% + 1)
30%
Earth-bond resistance
± (0.5% + 2)
± (0.5% + 2)
30%
± (0.5% + 20)2
± (0.5% + 20)2
30%
Insulation resistance
Based on the test voltage and range. Refer to insulation resis-
tance speciications for U1453A/U1461A.
30%
1.
The maximum resistance to meet the standard of EN61557-1, 5.2.4, which indicates the maximum amount allowed as less than 30%
2.
For 6 Ω range only
Test voltage1, 2,
IR <
Intrinsic uncertainty (A)
Temperature (E3)
Operating uncertainty
50 V
25.7 GΩ
27.65%
2%
27.65% + 1.15 x E3
100 V
51.4 GΩ
27.65%
2%
27.65% + 1.15 x E3
250 V
131 GΩ
25.65%
2%
25.65% + 1.15 x E3
500 V
260 GΩ
27.45%
2%
27.45% + 1.15 x E3
1000 V
260 GΩ
14.45%
2%
14.45% + 1.15 x E3
1.
Speciication conidence level to 99.73% as coverage factor up to 3
2.
Temperature range is from 0 to 35 °C


Similar Part No. - U1451A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1450A KEYSIGHT-U1450A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
U1452A KEYSIGHT-U1452A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1453A KEYSIGHT-U1453A Datasheet
672Kb / 20P
   Insulation Resistance Testers
More results

Similar Description - U1451A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1461A KEYSIGHT-U1461A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1452A KEYSIGHT-U1452A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1453A KEYSIGHT-U1453A Datasheet
672Kb / 20P
   Insulation Resistance Testers
logo
DB Lectro Inc
95D DBLECTRO-95D Datasheet
1Mb / 4P
   High Insulation Resistance
90D DBLECTRO-90D Datasheet
778Kb / 2P
   High Insulation Resistance
logo
Toshiba Semiconductor
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3122 TOSHIBA-TLP3122 Datasheet
149Kb / 6P
   Logic Testers / Memory Testers
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3230 TOSHIBA-TLP3230_14 Datasheet
273Kb / 7P
   Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com