Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGSF1717MN26 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BGSF1717MN26
Description  Antenna Switch Module with integrated MIPI RFFE Interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGSF1717MN26 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BGSF1717MN26 Datasheet HTML 6Page - Infineon Technologies AG BGSF1717MN26 Datasheet HTML 7Page - Infineon Technologies AG BGSF1717MN26 Datasheet HTML 8Page - Infineon Technologies AG BGSF1717MN26 Datasheet HTML 9Page - Infineon Technologies AG BGSF1717MN26 Datasheet HTML 10Page - Infineon Technologies AG BGSF1717MN26 Datasheet HTML 11Page - Infineon Technologies AG BGSF1717MN26 Datasheet HTML 12Page - Infineon Technologies AG BGSF1717MN26 Datasheet HTML 13Page - Infineon Technologies AG BGSF1717MN26 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Antenna Switch Module with integrated MIPI RFFE Interface
Application Circuit of BGSF1717MN26
Application Note AN384
10
Revision 1.0, 2015-10-03
3
Application Circuit of BGSF1717MN26
In this chapter the evaluation board with application circuit including matching passive elements is
presented. Afterwards, the deembedding process required for S-Parameter measurements is described.
Device:
BGSF1717MN26
Application:
Antenna Switch Module
PCB Marking:
BGSF1717MN26 v1.1
EVB Order No.: BGSF1717MN26 BOARD SP001136296
3.1
Application Board
The EValuation Board (EVB) used for the RF measurements is shown in the Figure 5. The EVB is designed so
that every 50 Ohm signal lines have the same length. The layer stack-up of the PCB is presented in Figure 6.
Figure 5
Layout of the application board
Figure 6
PCB cross section with layer stack-up
Copper
35µm
Rodgers, 0.2mm
FR4, 0.7mm
Vias


Similar Part No. - BGSF1717MN26

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGSF110GN26 INFINEON-BGSF110GN26 Datasheet
930Kb / 23P
   Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
BGSF110GN26 INFINEON-BGSF110GN26_15 Datasheet
930Kb / 23P
   Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
BGSF18DM20 INFINEON-BGSF18DM20 Datasheet
1Mb / 17P
   SP8T Antenna Switch Module with integrated SPI controller
Revision 2.4, 2013-05-31
More results

Similar Description - BGSF1717MN26

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGS16MN14 INFINEON-BGS16MN14 Datasheet
1Mb / 17P
   SP6T Diversity Antenna Switch with MIPI RFFE Interface
BGS18MN14 INFINEON-BGS18MN14 Datasheet
1Mb / 17P
   SP8T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.0 - July 3, 2014
BGS110MN20 INFINEON-BGS110MN20 Datasheet
1Mb / 18P
   SP10T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.1 - June 23, 2016
BGS15M2A12 INFINEON-BGS15M2A12 Datasheet
1Mb / 17P
   SP5T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.0 - 2016-02-22
BGSX24MU16 INFINEON-BGSX24MU16 Datasheet
730Kb / 20P
   DP4T Antenna Cross Switch with MIPI RFFE Control Interface
Revision 2.0 2019-09-06
BGSX33M5U16 INFINEON-BGSX33M5U16 Datasheet
1Mb / 25P
   3P3T antenna cross switch with MIPI RFFE control interface
Revision 2.0 2022-03-25
BGSX33MU16 INFINEON-BGSX33MU16 Datasheet
665Kb / 18P
   3P3T Antenna Cross Switch with MIPI RFFE Control Interface
Revision 2.0 2019-06-24
logo
Will Semiconductor Ltd.
WS7810QM WILLSEMI-WS7810QM Datasheet
1Mb / 12P
   0.1GHz??GHz SP10T Diversity Antenna Switch with MIPI RFFE Interface
WS7804QM WILLSEMI-WS7804QM Datasheet
556Kb / 12P
   0.1GHz??GHz SP4T Diversity Antenna Switch with MIPI RFFE Interface
WS7806QM WILLSEMI-WS7806QM Datasheet
564Kb / 12P
   0.1GHz??GHz SP6T Diversity Antenna Switch with MIPI RFFE Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com