Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGS14AN16 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BGS14AN16
Description  RF SP4T Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGS14AN16 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BGS14AN16 Datasheet HTML 6Page - Infineon Technologies AG BGS14AN16 Datasheet HTML 7Page - Infineon Technologies AG BGS14AN16 Datasheet HTML 8Page - Infineon Technologies AG BGS14AN16 Datasheet HTML 9Page - Infineon Technologies AG BGS14AN16 Datasheet HTML 10Page - Infineon Technologies AG BGS14AN16 Datasheet HTML 11Page - Infineon Technologies AG BGS14AN16 Datasheet HTML 12Page - Infineon Technologies AG BGS14AN16 Datasheet HTML 13Page - Infineon Technologies AG BGS14AN16 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BGS14AN16
Confidential
5 RF Characteristics
Table 6: RF Characteristics
Test Conditions (unless otherwise specified):
• Terminating Port Impedance: Z0 = 50 Ω
• Temperature Range: TA = -30 ... +85
C
• Supply Voltage: VDD = 2.85 − 4.7 V
• Input Power: PIN = 0 dBm
• Across Operating Range of Control Voltages: VCtrl_H = 1.5...3.5 V
• Measured Using External Circuitry Acording Application Note AN259
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Insertion Loss
824 - 960 MHz
IL
0.341
0.49
dB
1710 - 1980 MHz
0.551
0.75
dB
RF1
1710 - 1980 MHz
0.501
0.70
dB
RF2, RF3, RF4
1980 - 2170 MHz
0.591
0.79
dB
RF1
1980 - 2170 MHz
0.551
0.75
dB
RF2, RF3, RF4
2170 - 2690 MHz
0.691
0.89
dB
RF1
2170 - 2690 MHz
0.651
0.85
dB
RF2, RF3, RF4
Inband Ripple Rx Ports (High Bands)
0.05
0.10
dB
Inband Ripple Rx Ports (Low Bands)
0.03
0.10
dB
Return Loss1)
All Ports @ 824 - 915 MHz
RL
25
30
dB
All Ports @ 1710 - 2690 MHz
14
20
dB
Isolation Ant - RF1,2,3,4
824 - 915 MHz
ISO
35
40
dB
1710 - 1980 MHz
26
30
dB
1980 - 2170 MHz
24
30
dB
2170 - 2690 MHz
24
27
dB
Isolation RF1,2,3 - RF1,2,3,4
824 - 915 MHz
ISO
32
35
dB
1710 - 1980 MHz
26
28
dB
1980 - 2170 MHz
25
28
dB
2170 - 2690 MHz
21
25
dB
Isolation RF Ports - VDD, VCtrl
900 MHz
ISO
40
30
dB
2000 MHz
20
20
dB
Note: All electrical characteristics are measured with all RF ports terminated by 50 Ω loads.
1) T
A = +25
C, V
DD = 3.5 V
Data Sheet
10
Revision 1.0 - December 17, 2012


Similar Part No. - BGS14AN16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGS14GA14 INFINEON-BGS14GA14 Datasheet
730Kb / 13P
   SP4T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-11
BGS14MA11 INFINEON-BGS14MA11 Datasheet
529Kb / 17P
   MIPI 2.0 SP4T switch for LTE diversity, Tx and LAA applications
Revision 2.1 2018-07-17
BGS14MPA9 INFINEON-BGS14MPA9 Datasheet
540Kb / 18P
   High Linearity, High Power SP4T RF Switch with MIPI 2.0
Revision 2.1 2018-11-21
BGS14PN10 INFINEON-BGS14PN10 Datasheet
2Mb / 16P
   SP4T high linearity, high power RF Switch
Revision 1.3 - 2016-08-24
BGS14WMA9 INFINEON-BGS14WMA9 Datasheet
689Kb / 18P
   Wideband SP4T Diversity Switch with High Switching Speed
Revision 2.2 2020-06-18
More results

Similar Description - BGS14AN16

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZSWA4-63DR MINI-ZSWA4-63DR Datasheet
708Kb / 7P
   SP4T RF Switch
logo
Spectrum Microwave, Inc...
TWP2261 SPECTRUM-TWP2261 Datasheet
61Kb / 1P
   SP4T RF SWITCH
TWP2262 SPECTRUM-TWP2262 Datasheet
63Kb / 1P
   SP4T RF SWITCH
logo
Mini-Circuits
JSW4-272DR MINI-JSW4-272DR Datasheet
390Kb / 7P
   SP4T RF Switch
logo
Spectrum Microwave, Inc...
TWP2264 SPECTRUM-TWP2264 Datasheet
61Kb / 1P
   SP4T RF SWITCH
TWD2254 SPECTRUM-TWD2254 Datasheet
80Kb / 1P
   SP4T RF SWITCH
logo
Mini-Circuits
HSWA4-63DR MINI-HSWA4-63DR Datasheet
359Kb / 5P
   SP4T RF Switch
JSW4-23DR-75 MINI-JSW4-23DR-75 Datasheet
395Kb / 7P
   SP4T RF Switch
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540_15 Datasheet
520Kb / 12P
   SP4T RF Switch
logo
Peregrine Semiconductor
PE42442 PSEMI-PE42442 Datasheet
514Kb / 11P
   UltraCMOS짰 SP4T RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com