Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5623B Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5623B
Description  Triple Output I2C Controlled RGB LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5623B Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5623B_15 Datasheet HTML 1Page - ON Semiconductor NCP5623B_15 Datasheet HTML 2Page - ON Semiconductor NCP5623B_15 Datasheet HTML 3Page - ON Semiconductor NCP5623B_15 Datasheet HTML 4Page - ON Semiconductor NCP5623B_15 Datasheet HTML 5Page - ON Semiconductor NCP5623B_15 Datasheet HTML 6Page - ON Semiconductor NCP5623B_15 Datasheet HTML 7Page - ON Semiconductor NCP5623B_15 Datasheet HTML 8Page - ON Semiconductor NCP5623B_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCP5623B
www.onsemi.com
5
POWER SUPPLY SECTION:
(Typical values are referenced to TA = +25°C, Min & Max values are referenced −40°C to +85°C ambient temperature, unless otherwise
noted), operating conditions 2.85 V < Vbat < 5.5 V, unless otherwise noted.
Pin
Symbol
Rating
Min
Typ
Max
Unit
11
Vbat
Power Supply
2.7
5.5
V
10
Iout
Continuous DC current in the load, PWM = 100%
@ Vf = 3.4 V, Vbat = 3.0 V
@ Vf = 3.4 V, 3.3 V < Vbat < 5.5 V
55
75
mA
10
Isch
Continuous Output Short Circuit Current
2.85 V < Vbat < 4.2 V
45
90
mA
10
Vout
Output Voltage Compliance (OVP)
4.4
5.7
V
10
Tstart
DC/DC Start time (Cout = 1
mF)
3.0 V < Vbat = nominal < 5.5 V
From last acknowledgement bit to full load operation
150
ms
10
Istdb
Stand By Current
3.0 V
≤ Vbat ≤ 4.2 V, Iout = 0 mA
0.8
1.0
mA
10
Iop
Operating Current,
@Iout = 0 mA, 3.0 V
≤ Vbat ≤ 4.2 V
350
mA
3,4,5
ITOL
RGB Output Current Tolerance
@Vbat = 3.6 V, ILED = 10 mA
−25
°C < Ta < 85°C
±3
%
3,4,5
IMATCH
RGB Output Current LED Matching
@Vbat = 3.6 V, ILED = 5.0 mA
±0.5
%
Fpwr
Charge Pump Operating Frequency
−40
°C < Ta < 85°C
0.8
1
1.2
MHz
EPWR
Efficiency @ Vbat = 3.6 V
− LED1 to LED3 = 5 mA, Vf = 2.8 V (Total = 15 mA)
− LED1 to LED3 = 20 mA, Vf = 3.2 V (Total = 60 mA)
94.2
92.3
%


Similar Part No. - NCP5623B_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623BMUTBG ONSEMI-NCP5623BMUTBG Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
More results

Similar Description - NCP5623B_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
Kinetic Technologies.
KTD2037 KINETIC-KTD2037 Datasheet
741Kb / 22P
   I2C Programmable RGB LED Driver with AutoBlinQ™
August 2017 - Revision 04d
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com