Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81071ADR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP81071ADR2G
Description  Dual 5 A High Speed Low-Side MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81071ADR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP81071ADR2G Datasheet HTML 1Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 2Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 3Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 4Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 5Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 6Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 7Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 8Page - ON Semiconductor NCP81071ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCP81071
www.onsemi.com
3
TYPICAL APPLICATION CIRCUIT
1
2
3
4
8
7
6
5
INA
ENA
GND
INB
ENB
OUTA
OUTB
VDD
NCP81071
Table 2. ABSOLUTE MAXIMUM RATINGS
Value
Unit
Min
Max
Supply Voltage
VDD
−0.3
24
V
Output Current (DC)
Iout_dc
0.3
A
Reverse Current (Pulse< 1
ms)
6.0
A
Output Current (Pulse < 0.5
ms)
Iout_pulse
6.0
A
Input Voltage
INA, INB
−6.0
VDD+0.3
V
Enable Voltage
ENA, ENB
−0.3
VDD+0.3
Output Voltage
OUTA, OUTB
−0.3
VDD+0.3
V
Output Voltage (Pulse < 0.5
ms)
OUTA, OUTB
−3.0
VDD+3.0
V
Junction Operation Temperature
TJ
−40
150
°C
Storage Temperature
Tstg
−65
160
Electrostatic Discharge
Human body model, HBM
4000
V
Charge device model, CDM
1000
OUTA OUTB Latch−up Protection
500
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 3. RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
VDD supply Voltage
4.5 to 20
V
INA, INB input voltage
−5.0 to VDD
V
ENA, ENB input voltage
0 to VDD
V
Junction Temperature Range
−40 to +140
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
Table 4. THERMAL INFORMATION
Package
qJA (5C/W)
qJC (5C/W)
SOIC−8
115
50
MSOP−8 EP
39
4.7
WDFN8 3x3
39
4.7


Similar Part No. - NCP81071ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81071ADR2G ONSEMI-NCP81071ADR2G Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
December, 2015 ??Rev. 2
More results

Similar Description - NCP81071ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81071 ONSEMI-NCP81071 Datasheet
247Kb / 14P
   Dual 5 A High Speed Low-Side MOSFET Drivers
December, 2015 ??Rev. 2
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27324DR TI1-UCC27324DR Datasheet
1Mb / 28P
[Old version datasheet]   Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
[Old version datasheet]   DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com