Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IML0215S05 Datasheet(PDF) 2 Page - XP Power Limited

Part # IML0215S05
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IML0215S05 Datasheet(HTML) 2 Page - XP Power Limited

  IML0215S05 Datasheet HTML 1Page - XP Power Limited IML0215S05 Datasheet HTML 2Page - XP Power Limited IML0215S05 Datasheet HTML 3Page - XP Power Limited IML0215S05 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IML02 Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
3.3
30
VDC
See Models and Ratings table
Initial Set Accuracy
±5
%
At full load
Minimum Load
10
%
Minimum load required to meet specified regulation
Line Regulation
±1.2
%/1%
Output changes by max of 1.2% for each 1% change in
input voltage
Load Regulation
10
%
From 10% to full load, see application note
Cross Regulation
±4
%
On dual output models, when one output is at 25% load
and other is varied from 10% load to full load
Ripple & Noise
150
mV pk-pk
20 MHz bandwidth. Measured using 10 µF electrolytic in
parallel with 0.1 µF ceramic capacitor
Short Circuit Protection
Continuous
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.03
%/ ˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
4.5
5.5
VDC
5 V nominal
10.8
13.2
12 V nominal
13.5
16.5
15 V nominal
21.6
26.4
24 V nominal
Input Reflected Ripple Current
20
mA pk-pk
Through 12 µH inductor and 47 µF capacitor
Input Surge
5.5
VDC for 100 ms
5 V models
13.2
12 V models
16.5
15 V nominal
26.4
24 V nominal
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
80
%
Isolation: Input to Output
4000
VAC
1 x MOPP at 250 VAC working voltage, 2 x MOPP at
125 VAC working voltage
Patient Leakage Current
2
µA
Isolation Resistance
109
Ω
Isolation Capacitance
10
20
pF
Switching Frequency
50
100
kHz
Power Density
13.6
W/in3
Mean Time Between Failure
2.5
MHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.009 (4.2)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+85
°C
No derating
Storage Temperature
-40
+125
°C
Case Temperature
+100
°C
Humidity
2.5
95
%RH
Non-condensing
Cooling
Natural convection


Similar Part No. - IML0215S05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IML-0635 MURATA-IML-0635 Datasheet
175Kb / 2P
   For LEAD TYPE
IML-0635 MURATA-IML-0635 Datasheet
186Kb / 2P
   Sensor
IML-0635 MURATA-IML-0635_17 Datasheet
186Kb / 2P
   Sensor
IML-0636 MURATA-IML-0636 Datasheet
177Kb / 2P
   For LEAD TYPE
IML-0636 MURATA-IML-0636 Datasheet
190Kb / 2P
   Sensor
More results

Similar Description - IML0215S05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com