Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE78CL2362P Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SLE78CL2362P
Description  32-Bit Security Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE78CL2362P Datasheet(HTML) 7 Page - Infineon Technologies AG

  SLE78CL2362P Datasheet HTML 1Page - Infineon Technologies AG SLE78CL2362P Datasheet HTML 2Page - Infineon Technologies AG SLE78CL2362P Datasheet HTML 3Page - Infineon Technologies AG SLE78CL2362P Datasheet HTML 4Page - Infineon Technologies AG SLE78CL2362P Datasheet HTML 5Page - Infineon Technologies AG SLE78CL2362P Datasheet HTML 6Page - Infineon Technologies AG SLE78CL2362P Datasheet HTML 7Page - Infineon Technologies AG SLE78CL2362P Datasheet HTML 8Page - Infineon Technologies AG SLE78CL2362P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SLE 88CF4000P
Short Product Information
7 / 9
12.2009
General Description
The SLE 88 products family is the Infineon’s state of the art 32-bit platform, designed in cost
optimized 130nm technology, with:
• High Security level enabling secure multi-application and multitasking
• High Performance for SIM/UICC applications with a fast internal frequency (33-66MHz)
• High Quality EEPROM with 500,000 cycles programming endurance
• High Flexibility with a freely configurable memory in code and data
The SLE 88CXF4002P and this derivative were the first flash microcontrollers designed fully in
130nm, reaching the CC EAL5+ high certificate. It was rewarded by the Sesames Award of the
“Best Hardware” at the Cartes 2006 exhibition.
With its flash capability, it offers a decisive time-to-market advantage to card vendors and service
providers in the launch of GSM/UICC applications.
Technical Description
Multistage
32-bit CPU
Caches
Sensors
Filters
Active Shield
Intelligent
Power
Manager
Scalable
CLK
DES
Accelerator
TRNG
32-bit Bus
MED
Memory
Management
and
Protection
Unit
RAM
EEPROM
Three
16-bit
Timers
UART


Similar Part No. - SLE78CL2362P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE7736 INFINEON-SLE7736 Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BD-V3C INFINEON-SLE7736-BD-V3C Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BD-V3M3 INFINEON-SLE7736-BD-V3M3 Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BDC INFINEON-SLE7736-BDC Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BDM3 INFINEON-SLE7736-BDM3 Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
More results

Similar Description - SLE78CL2362P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
   32-bit Embedded Controller
logo
Toshiba Semiconductor
TMP92CD54I TOSHIBA-TMP92CD54I Datasheet
3Mb / 343P
   32-bit Micro-controller
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
logo
Toshiba Semiconductor
TMP92FD54AI TOSHIBA-TMP92FD54AI Datasheet
788Kb / 84P
   CMOS 32-bit Micro-controller
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
   32 Bit RISC Micro Controller
logo
ELM Electronics
ELM365 ELM-ELM365 Datasheet
30Kb / 4P
   SECURITY SYSTEM CONTROLLER
logo
Fairchild Semiconductor
FM3580 FAIRCHILD-FM3580 Datasheet
107Kb / 11P
   5-Bit VID Controller with PC Security Element
logo
ATMEL Corporation
TS68EN360 ATMEL-TS68EN360 Datasheet
874Kb / 82P
   32-bitQuad Integrated Communication Controller
logo
Winbond
W90N740 WINBOND-W90N740 Datasheet
414Kb / 39P
   32-Bit ARM7TDMI-Based Micro-Controller
logo
Epson Company
S1C33L17 EPSON-S1C33L17 Datasheet
269Kb / 8P
   CMOS 32-bit Application Specific Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com