Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QH015 Datasheet(PDF) 7 Page - XP Power Limited

Part # QH015
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QH015 Datasheet(HTML) 7 Page - XP Power Limited

Back Button QH015 Datasheet HTML 3Page - XP Power Limited QH015 Datasheet HTML 4Page - XP Power Limited QH015 Datasheet HTML 5Page - XP Power Limited QH015 Datasheet HTML 6Page - XP Power Limited QH015 Datasheet HTML 7Page - XP Power Limited QH015 Datasheet HTML 8Page - XP Power Limited QH015 Datasheet HTML 9Page - XP Power Limited QH015 Datasheet HTML 10Page - XP Power Limited QH015 Datasheet HTML 11Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
4752CM01
PAGE 7
DETAILED PRODUCT DESCRIPTION
COPPER SHIELD PLACEMENT
The Q Series is a broad line of ultra-miniature, high reliability DC to HV DC
converters supplying up to 5,000 volts in only 0.125 cubic inches and up to
10,000 volts in only 0.614 cubic inches. These component-sized convert-
ers are ideal for applications requiring minimal size and weight. The output
is directly proportional to the input voltage and is linear from <0.7V input
to maximum input voltage, allowing for an adjustable output voltage. Out-
put is load dependent. A control pin option allows full control of the output
via a high impedance input, ideal for error-amplifier control in closed-loop
systems. Isolation is <+/- 500V bias on output return and output power is
either 0.5 watt or 1.25 watts. No external components or minimum load are
required. The output ripple is extremely low for this package size, as low as
.1%. Light weight and wide temperature range make these units ideal for
portable, battery-powered equipment. Many models feature a dual output
(center tap) option, which creates both a positive and a negative output
from miniature, one low cost unit. An alternate pin pattern is available for
users wishing to upgrade without modifying their board design. Output is
load dependent.
Application notes are available on this series, and technical assistance is
readily available.
Q SERIES
BLOCK DIAGRAM
NOTE: Pin designators for pin out models up to 5KV.
WWW.XPPOWER.COM
Conceptual drawing. Copper shields are factory installed.


Similar Part No. - QH015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
QH01-0016 MACOM-QH01-0016 Datasheet
71Kb / 2P
   Low Cost GMIC SMT Quad Hybrid
logo
M/A-COM Technology Solu...
QH01-0016-G MA-COM-QH01-0016-G Datasheet
79Kb / 4P
   Low Cost GMIC SMT Quad Hybrid 800 - 905 MHz
QH01-0016-G-TR MA-COM-QH01-0016-G-TR Datasheet
79Kb / 4P
   Low Cost GMIC SMT Quad Hybrid 800 - 905 MHz
logo
Tyco Electronics
QH01-0016-RTR MACOM-QH01-0016-RTR Datasheet
71Kb / 2P
   Low Cost GMIC SMT Quad Hybrid
QH01-0016-TR MACOM-QH01-0016-TR Datasheet
71Kb / 2P
   Low Cost GMIC SMT Quad Hybrid
More results

Similar Description - QH015

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com