Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QH10 Datasheet(PDF) 1 Page - XP Power Limited

Part # QH10
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QH10 Datasheet(HTML) 1 Page - XP Power Limited

  QH10 Datasheet HTML 1Page - XP Power Limited QH10 Datasheet HTML 2Page - XP Power Limited QH10 Datasheet HTML 3Page - XP Power Limited QH10 Datasheet HTML 4Page - XP Power Limited QH10 Datasheet HTML 5Page - XP Power Limited QH10 Datasheet HTML 6Page - XP Power Limited QH10 Datasheet HTML 7Page - XP Power Limited QH10 Datasheet HTML 8Page - XP Power Limited QH10 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
4752CM01
PAGE 1
OUTPUT VOLTAGE*2
Q MODELS
0.50 Watt
QH MODELS
1.25 Watt
100 VDC
Q01
QH01
150 VDC
Q015
QH015
200 VDC
Q02
QH02
250 VDC
Q025
QH025
300 VDC
Q03
QH03
350 VDC
Q035
QH035
400 VDC
Q04
QH04
450 VDC
Q045
QH045
500 VDC
Q05
QH05
600 VDC
Q06
QH06
700 VDC
Q07
QH07
800 VDC
Q08
QH08
900 VDC
Q09
QH09
1,000 VDC
Q10
QH10
1,200 VDC
Q12
QH12
1,500 VDC
Q15
QH15
2,000 VDC
Q20
QH20
2,500 VDC
Q25
3,000 VDC
Q30
4,000 VDC
Q40
5,000 VDC
Q50
6,000 VDC
Q60
8,000 VDC
Q80
10,000 VDC
Q101
Proven
Reliability
E344664
WWW.XPPOWER.COM
0.5 Watt and 1.25 Watt versions available (1.25W up to 2KV)
Dual Output (Center Tap) option available (up to Q09 / QH09)
External Copper Shield (S suffix))
Control Pin Option available (up to Q50 / QH20) (C suffix)
Extended operating temperature (0.5W - Q models) (T suffix)
Ordering Information (see Page 13)
Alternate Input / Output Voltages (consult factory)
Alternate Pin Pattern, see VA units (Page 10)
Reduced Input Power (consult factory)
Q SERIES
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
100V to 10,000V @ 0.5 and 1.25 Watts
PRODUCT DESCRIPTION
APPLICATIONS
OPTIONS
PRODUCT OVERVIEW
FEATURES
Avalanche Photodiodes
Photomultiplier Tubes
Light Sources
Piezo Devices
Sustaining Ion Pumps
Electrophoresis
Printers
Igniters
Capacitor Charging
Ultra-Miniature Case Size
Proven Reliability
No External Components Required
Low Ripple and EMI/RFI
Proportional Input/Output
Input/Output Isolation
Low Leakage Current <250nA
Low input/output coupling capacitance, <50 pF typical
MTBF: >3 million hrs. per Bellcore TR 332
Short circuit protection, 1 minute minimum
Control Pin can be used for ON/OFF control
RoHS Compliant
UL Recognized
Complete List of Models on pages 2-5
The Q Series is a broad line of ultra-miniature, high reliability DC to HV
DC converters supplying up to 5,000 volts in only 0.125 cubic inches
and up to 10,000 volts in only 0.614 cubic inches. These component-
sized converters are ideal for applications requiring minimal size and
weight. The output is directly proportional to the input voltage and
is linear from <0.7V input to maximum input voltage, allowing for an
adjustable output voltage.
NOW
UL RECOGNIZED


Similar Part No. - QH10

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
QH12BZ600 POWERINT-QH12BZ600 Datasheet
235Kb / 9P
   600 V, 12 A H-Series PFC Diode
November 2015
QH12TZ600 POWERINT-QH12TZ600 Datasheet
113Kb / 7P
   600 V, 12 A H-Series PFC Diode
QH12TZ600 POWERINT-QH12TZ600 Datasheet
235Kb / 9P
   600 V, 12 A H-Series PFC Diode
November 2015
QH12TZ600 POWERINT-QH12TZ600_V01 Datasheet
235Kb / 9P
   600 V, 12 A H-Series PFC Diode
November 2015
logo
List of Unclassifed Man...
QH16T ETC2-QH16T Datasheet
13Mb / 1P
   INDIVIDUAL LOUDSPEAKERS
More results

Similar Description - QH10

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com