Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE76CL1M52P Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SLE76CL1M52P
Description  32-Bit Security Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE76CL1M52P Datasheet(HTML) 4 Page - Infineon Technologies AG

  SLE76CL1M52P Datasheet HTML 1Page - Infineon Technologies AG SLE76CL1M52P Datasheet HTML 2Page - Infineon Technologies AG SLE76CL1M52P Datasheet HTML 3Page - Infineon Technologies AG SLE76CL1M52P Datasheet HTML 4Page - Infineon Technologies AG SLE76CL1M52P Datasheet HTML 5Page - Infineon Technologies AG SLE76CL1M52P Datasheet HTML 6Page - Infineon Technologies AG SLE76CL1M52P Datasheet HTML 7Page - Infineon Technologies AG SLE76CL1M52P Datasheet HTML 8Page - Infineon Technologies AG SLE76CL1M52P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SLE 88CF4000P
Short Product Information
4 / 9
12.2009
EEPROM Technology
Very Fast Programming:
Write/erase time < 2,3 ms
Flash functionality with 4k sector flash and erase in one shot
EEPROM page programming: 1 to 128 Byte
Very High Endurance:
Min. 500,000 write/erase cycles per page
Max. 16,500,000 write/erase cycles per 4k sector
Data retention: min. 10 years @ 25°C
Security Features
32-bit Proprietary Instruction Set
Memory and CPU Error Detection, Memory-, Bus- and SFR-Encryption
DPA / SPA, DEMA / SEMA countermeasures incl. Dual Rail Logic
Security Sensors (Voltage, frequency, Light, Temperature, Glitch)
Active Shield
True RNG according to AIS31
Memory Management and Protection Unit with Level Concept
Chip ID, unique chip identification number for each chip
Coprocessors and Peripherals
Hardware DES Accelerator for DES and Triple DES calculations
True Random Number Generator for true random number generation
Three 16-bit Autoreload Timers for protocol implementation, event monitoring


Similar Part No. - SLE76CL1M52P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE7736 INFINEON-SLE7736 Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BD-V3C INFINEON-SLE7736-BD-V3C Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BD-V3M3 INFINEON-SLE7736-BD-V3M3 Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BDC INFINEON-SLE7736-BDC Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BDM3 INFINEON-SLE7736-BDM3 Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
More results

Similar Description - SLE76CL1M52P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
   32-bit Embedded Controller
logo
Toshiba Semiconductor
TMP92CD54I TOSHIBA-TMP92CD54I Datasheet
3Mb / 343P
   32-bit Micro-controller
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
logo
Toshiba Semiconductor
TMP92FD54AI TOSHIBA-TMP92FD54AI Datasheet
788Kb / 84P
   CMOS 32-bit Micro-controller
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
   32 Bit RISC Micro Controller
logo
ELM Electronics
ELM365 ELM-ELM365 Datasheet
30Kb / 4P
   SECURITY SYSTEM CONTROLLER
logo
Fairchild Semiconductor
FM3580 FAIRCHILD-FM3580 Datasheet
107Kb / 11P
   5-Bit VID Controller with PC Security Element
logo
ATMEL Corporation
TS68EN360 ATMEL-TS68EN360 Datasheet
874Kb / 82P
   32-bitQuad Integrated Communication Controller
logo
Winbond
W90N740 WINBOND-W90N740 Datasheet
414Kb / 39P
   32-Bit ARM7TDMI-Based Micro-Controller
logo
Epson Company
S1C33L17 EPSON-S1C33L17 Datasheet
269Kb / 8P
   CMOS 32-bit Application Specific Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com