Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9053-XXC51 Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # DA9053-XXC51
Description  Flexible High-Power System PMIC with Switching USB Power Manager
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9053-XXC51 Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button DA9053-XXC51 Datasheet HTML 6Page - Dialog Semiconductor DA9053-XXC51 Datasheet HTML 7Page - Dialog Semiconductor DA9053-XXC51 Datasheet HTML 8Page - Dialog Semiconductor DA9053-XXC51 Datasheet HTML 9Page - Dialog Semiconductor DA9053-XXC51 Datasheet HTML 10Page - Dialog Semiconductor DA9053-XXC51 Datasheet HTML 11Page - Dialog Semiconductor DA9053-XXC51 Datasheet HTML 12Page - Dialog Semiconductor DA9053-XXC51 Datasheet HTML 13Page - Dialog Semiconductor DA9053-XXC51 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 183 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
10 of 183
© 2016 Dialog Semiconductor
2
Block Diagram
Figure 1: Block Diagram
HS 2-WIRE
INTERFACE
Multiplexed GPIO EXTENDER
PIN-Multiplex with
GP-ADC/TSI/
CONTROL/HS I2C
4-WIRE/2-WIRE
INTERFACE
DIG CTRL
VDDCORE
DA9053
BATTERY
SWITCH
4 WIRE TOUCH-SCREEN
CONTROLLER
POWER MANAGER
ON/OFF CONTROL
RESET GENERATION
OTP-PROGRAMMABLE
WAKE-UP AND SHUTDOWN
SEQUENCING CONTROL
SYSTEM MONITOR
INTERRUPT HANDLER
BACKUP
BATTERY
CHARGER
1.1-3.1V
2.2uH
DCIN_PROT
TEMP
SENSOR
VOLTAGE
SUPER-
VISION
RTC
32kHz OSC
RTC
DIGITAL
REF
VOLTAGE
BIASING
CIRCUIT
INTERNAL
OSC
BUCK
MEM
GENERAL PURPOSE
10BIT ADC
TBAT
DIG CTRL
1.0uF
LDO5
1.2-3.6V
VBUS SELECTOR
OV-PROTECTION
VLDO5
VDDOUT
VBAT
2.2uH
BUCK
PRO
2.2uH
BUCK
PERI
2.2uH
BUCK
CORE
LDO3 (DVC)
1.725-3.3V
DIG CTRL
2.2uF
LDO4
1.725-3.3V
DIG CTRL
2.2uF
VLDO3
VLDO4
VDDOUT/VBUCKx
LDO1 (LN)
0.6-1.8V
DIG CTRL
1.0uF
LDO2 (DVC)
0.6-1.8V
DIG CTRL
1.0uF
VLDO1
VLDO2
LDO6 (LN)
1.2-3.6V
DIG CTRL
2.2uF
LDO8 (LN)
1.2
–3.6V
DIG CTRL
2.2uF
LDO9 (LN)
1.25
–3.65V
DIG CTRL
2.2uF
LDO10 (LN)
1.2
–3.6V
DIG CTRL
1.0uF
VLDO6
VLDO8
VLDO9
VLDO10
VDDCORE
LDO7 (LN)
1.2-3.6V
DIG CTRL
2.2uF
BOOST CONVERTER
current controlled for
LED BACKLIGHT
4.7uH
2uF
Active
Diode
CHARGER
100m
Ω
VDDCORE
VDDCORE
30uF
distributed
2.2uH
44uF
22uF
100nF
2.2uF
DIG CTRL
LDOCORE
2.5V
100nF
VDDOUT/VBUCKx
VDDOUT/VBUCKx
VLDO7
VDDOUT/VBUCKx
VDDOUT/VBUCKx
VDDOUT/VBUCKx
VDDREF
Powerpath plus
DIG CTRL
32 kHz Crystal
VBBAT
OUT_32K
SYS_EN/GPIO_8
PWR_EN/GPIO_9
PWR1_EN/GPIO_10
GP_FB1/GPIO_12
nRESET
nSHUTDOWN
nIRQ
ACC_ID_DET/GPIO_11
nONKEY/KEEP_ACT
TSIXP/GPIO_6
TSIXN/GPIO_5
TSIYP/GPIO_4
TSIYN/GPIO_3
ADCIN4/GPIO_0
ADCIN5/GPIO_1
ADCIN6/GPIO_2
nVDD_FAULT/GPIO_13
200k
Ω
VREF
IREF
VBUS
VDDOUT/VBUCKx/VDDREF
SYS_UP
DIG CTRL
VDDCORE
VMEM_SW_EN
VPERI_SW_EN
TP
D+
D-
DIG CTRL
USB CHARGER
CONTROL
OV-PROTECTION
DCIN SELECTOR
DCIN
VBUS_PROT
OTP
MEMORY
WATCH
DOG
TIMER
VCENTER
470nF
10uF
TSIREF/GPIO_7
DIG CTRL
PWR_UP/GP_FB2
22uF
22uF


Similar Part No. - DA9053-XXC51

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9053 RENESAS-DA9053 Datasheet
3Mb / 185P
   Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
31-Aug-2016
More results

Similar Description - DA9053-XXC51

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9053 RENESAS-DA9053 Datasheet
3Mb / 185P
   Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager
31-Aug-2016
logo
Dialog Semiconductor
DA9052 DIALOG-DA9052 Datasheet
1Mb / 3P
   Flexible system PMIC with high-efficiency USB power manager
DA9021 DIALOG-DA9021 Datasheet
2Mb / 142P
   System PMIC with high efficiency USB power manager
logo
Linear Technology
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089 LINER-LTC4089 Datasheet
393Kb / 24P
   USB Power Manager with High Voltage Switching Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com