Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9061-XXAM1 Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # DA9061-XXAM1
Description  Entry level PMIC for applications requiring up to 6 A
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061-XXAM1 Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button DA9061-XXAM1 Datasheet HTML 6Page - Dialog Semiconductor DA9061-XXAM1 Datasheet HTML 7Page - Dialog Semiconductor DA9061-XXAM1 Datasheet HTML 8Page - Dialog Semiconductor DA9061-XXAM1 Datasheet HTML 9Page - Dialog Semiconductor DA9061-XXAM1 Datasheet HTML 10Page - Dialog Semiconductor DA9061-XXAM1 Datasheet HTML 11Page - Dialog Semiconductor DA9061-XXAM1 Datasheet HTML 12Page - Dialog Semiconductor DA9061-XXAM1 Datasheet HTML 13Page - Dialog Semiconductor DA9061-XXAM1 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
10 of 82
© 2016 Dialog Semiconductor
4
Electrical characteristics
Digital I/O
4.1
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC, VSYS = 2.8 to 5.5 V.
Table 5: Digital I/O electrical characteristics
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Input high voltage
(GPI0-GPI4,
nRESETREQ)
VIH
VDDCORE mode
1.0
VSYS
V
VDDIO mode
0.7 * VDDIO
VSYS
Input low voltage
(GPI0
–GPI4,
nRESETREQ)
VIL
VDDCORE mode
-0.3
0.4
V
VDDIO mode
-0.3
0.3 * VDDIO
Input high voltage
(nONKEY)
VIH
VDDCORE mode
1.0
VSYS
V
VDDIO mode
0.7 * VDDIO
Input low voltage
(nONKEY)
VIL
VDDCORE mode
-0.3
0.4
V
VDDIO mode
-0.3
0.3 * VDDIO
Input high voltage
(SCL, SDA)
VIH
VDDCORE mode
1.0
V
VDDIO mode
0.7 * VDDIO
Input low voltage
(SCL, SDA)
VIL
VDDCORE mode
0.4
V
VDDIO mode
0.3 * VDDIO
Output high voltage
(GPO0
–GPO4,
nRESET, nIRQ)
VOH
ILOAD = 1 mA
Push-pull mode
0.7 * VDDIO
V
Output low voltage
(GPO0
–GPO4,
nRESET, nIRQ)
VOL
ILOAD = 1 mA
0.3
V
Output low voltage
(SDA)
VOL
ILOAD = 20 mA
0.4
V
ILOAD = 3 mA
0.24
Source current
capability
(GPO0
–GPO4)
IOH
VOUT = 0.7 * VDDIO
VDDIO ≥ 1.8 V
-1
mA
Sink current capability
(GPO0
–GPO4)
IOL
VOUT = 0.3 V
1
mA
Input capacitance
(SCL, SDA)
CIN
10
pF
Pull-down resistance
(GPI0
–GPI4)
RPD
50
100
250
Pull-up resistance
(GPO0
–GPO4)
RPU
VDDIO = 1.5 V
60
180
310
k
VDDIO = 1.8 V
45
120
190
VDDIO = 3.3 V
20
40
60


Similar Part No. - DA9061-XXAM1

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9061-xxAM1 DIALOG-DA9061-xxAM1 Datasheet
1Mb / 82P
   PMIC for applications requiring up to 6 A
DA9061-xxAM1-A DIALOG-DA9061-xxAM1-A Datasheet
1Mb / 82P
   PMIC for applications requiring up to 6 A
DA9061-XXAM1-A DIALOG-DA9061-XXAM1-A Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
DA9061-XXAM1-AT DIALOG-DA9061-XXAM1-AT Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
More results

Similar Description - DA9061-XXAM1

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9062 DIALOG-DA9062 Datasheet
1Mb / 93P
   Entry level PMIC for applications requiring up to 8.5 A
logo
Renesas Technology Corp
DA9061-A RENESAS-DA9061-A Datasheet
1Mb / 91P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
DA9061 RENESAS-DA9061 Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
logo
Dialog Semiconductor
DA9061 DIALOG-DA9061_17 Datasheet
1Mb / 82P
   PMIC for applications requiring up to 6 A
DA9061-A DIALOG-DA9061-A Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
DA9062 DIALOG-DA9062_16 Datasheet
1Mb / 96P
   PMIC for applications requiring up to 8.5 A
DA9062-A DIALOG-DA9062-A Datasheet
1Mb / 93P
   PMIC for Applications Requiring up to 8.5 A
logo
Renesas Technology Corp
DA9062-A RENESAS-DA9062-A Datasheet
1Mb / 99P
   PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
DA9062 RENESAS-DA9062 Datasheet
1Mb / 101P
   PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
logo
Pentair plc. All rights...
WP-BB PENTAIR-WP-BB Datasheet
211Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com