Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9061-XXAM2 Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # DA9061-XXAM2
Description  Entry level PMIC for applications requiring up to 6 A
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061-XXAM2 Datasheet(HTML) 6 Page - Dialog Semiconductor

Back Button DA9061-XXAM2 Datasheet HTML 2Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 3Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 4Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 5Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 6Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 7Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 8Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 9Page - Dialog Semiconductor DA9061-XXAM2 Datasheet HTML 10Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
DA9061
Entry level PMIC for applications requiring up to 6 A
Datasheet
Revision 3.2
01-Mar-2016
CFR0011-120-00 Rev 5
6 of 82
© 2016 Dialog Semiconductor
1
Package information
Pin list
1.1
Table 1: DA9061 pin description
Pin
Name
Type
Table 2
Description
Paddle
GND
GND
Power grounds of the bucks, digital ground
1
VLDO1
AO
LDO1 output voltage
2
VLDO2
AO
LDO2 output voltage
3
VDD_LDO2
PS
LDO2 supply
4
IREF
AO
Reference current
5
VREF
AIO
Reference voltage
6
NC
Do not use. Leave floating.
7
VSS_ANA
GND
Analog ground
8
NC
Do not use. Leave floating.
9
VLDO3
AO
LDO3 output voltage
10
VDD_LDO34
PS
LDO3 and LDO4 supply
11
VLDO4
AO
LDO4 output voltage
12
NC
Do not use. Leave floating.
13
SDA
DIO
Data signal of the 2-wire interface
14
SCL
DI
Clock signal of the 2-wire interface
15
nONKEY
DI
Input for power-on key
16
nRESETREQ
DI
Reset request input
17
VLX_BUCK3
AO
Switching node of Buck3
18
VDD_BUCK3
PS
Buck3 supply
19
VDD_BUCK2
PS
Buck2 supply
20
VLX_BUCK2
AO
Switching node of Buck2
21
GPIO0
DIO
General purpose I/O, WDKICK
22
GPIO1
DIO
General purpose I/O
23
VDDIO
PS
IO supply
24
VBUCK3
AI
Voltage feedback of Buck3
25
VBUCK2
AI
Voltage feedback of Buck2
26
VBUCK1
AI
Voltage feedback of Buck1
27
NC
Do not use. Leave floating.
28
GPIO2
DIO
General purpose I/O, PWR_EN
29
GPIO3
DIO
General purpose I/O
30
GPIO4
DIO
General purpose I/O, SYS_EN
31
VLX_BUCK1
AO
Switching node of Buck1
32
VDD_BUCK1
PS
Buck1 supply
33
NC
Do not use. Leave floating.


Similar Part No. - DA9061-XXAM2

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9061-xxAM2 DIALOG-DA9061-xxAM2 Datasheet
1Mb / 82P
   PMIC for applications requiring up to 6 A
DA9061-xxAM2-A DIALOG-DA9061-xxAM2-A Datasheet
1Mb / 82P
   PMIC for applications requiring up to 6 A
DA9061-XXAM2-A DIALOG-DA9061-XXAM2-A Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
DA9061-XXAM2-AT DIALOG-DA9061-XXAM2-AT Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
More results

Similar Description - DA9061-XXAM2

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9062 DIALOG-DA9062 Datasheet
1Mb / 93P
   Entry level PMIC for applications requiring up to 8.5 A
logo
Renesas Technology Corp
DA9061-A RENESAS-DA9061-A Datasheet
1Mb / 91P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
DA9061 RENESAS-DA9061 Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
logo
Dialog Semiconductor
DA9061 DIALOG-DA9061_17 Datasheet
1Mb / 82P
   PMIC for applications requiring up to 6 A
DA9061-A DIALOG-DA9061-A Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
DA9062 DIALOG-DA9062_16 Datasheet
1Mb / 96P
   PMIC for applications requiring up to 8.5 A
DA9062-A DIALOG-DA9062-A Datasheet
1Mb / 93P
   PMIC for Applications Requiring up to 8.5 A
logo
Renesas Technology Corp
DA9062-A RENESAS-DA9062-A Datasheet
1Mb / 99P
   PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
DA9062 RENESAS-DA9062 Datasheet
1Mb / 101P
   PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
logo
Pentair plc. All rights...
WP-BB PENTAIR-WP-BB Datasheet
211Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com