Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9210 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA9210
Description  Multi-Phase 12 A DC-DC Buck Converter
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9210 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA9210 Datasheet HTML 7Page - Dialog Semiconductor DA9210 Datasheet HTML 8Page - Dialog Semiconductor DA9210 Datasheet HTML 9Page - Dialog Semiconductor DA9210 Datasheet HTML 10Page - Dialog Semiconductor DA9210 Datasheet HTML 11Page - Dialog Semiconductor DA9210 Datasheet HTML 12Page - Dialog Semiconductor DA9210 Datasheet HTML 13Page - Dialog Semiconductor DA9210 Datasheet HTML 14Page - Dialog Semiconductor DA9210 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
DA9210
DA9210 Multi-Phase 12 A DC-DC Buck Converter
Datasheet
Revision 2.0
09-Sep-2016
CFR0011-120-00
11 of 90
© 2016 Dialog Semiconductor
Pin No.
Pin nam e
Alternate function
Type
Description
A3
SK
CLK
DI
4-WIRE/2-WIRE
clock
D5
TP
DIO
Test pin,
connect to VSS
F3
VSYS
PS
Supply for IC and
input for voltage
supervision
F4
VSS_QUIET
VSS
C1, C2, D1, D2, C6,
C7, D6, D7
VSS_NOISY
VSS
Table 4: Pin Type Definition
Pin type
Description
Pin type
Description
DI
Digital Input
AI
Analog Input
DO
Digital Output
AO
Analog Output
DIO
Digital Input/Output
AIO
Analog Input/Output
DIOD
Digital Input/Output Open Drain
BP
Backdrive Protection
PU
Fixed Pull-Up resistor
SPU
Sw itchable Pull-Up resistor
PD
Fixed Pull-Dow n resistor
SPD
Sw itchable Pull-Dow n resistor


Similar Part No. - DA9210

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9210 RENESAS-DA9210 Datasheet
2Mb / 98P
   DA9210 Multi-Phase 12 A DC-DC Buck Converter
28-Feb-2022
logo
Dialog Semiconductor
DA9210-xxFN2-A DIALOG-DA9210-xxFN2-A Datasheet
2Mb / 92P
   DA9210 Multi-Phase 12 A DC-DC Buck Converter
DA9210-xxUK2 DIALOG-DA9210-xxUK2 Datasheet
2Mb / 92P
   DA9210 Multi-Phase 12 A DC-DC Buck Converter
DA9210 DIALOG-DA9210_16 Datasheet
2Mb / 92P
   DA9210 Multi-Phase 12 A DC-DC Buck Converter
More results

Similar Description - DA9210

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9210 DIALOG-DA9210_16 Datasheet
2Mb / 92P
   DA9210 Multi-Phase 12 A DC-DC Buck Converter
logo
Renesas Technology Corp
DA9210 RENESAS-DA9210 Datasheet
2Mb / 98P
   DA9210 Multi-Phase 12 A DC-DC Buck Converter
28-Feb-2022
logo
Dialog Semiconductor
DA9213 DIALOG-DA9213 Datasheet
1Mb / 62P
   Multi-Phase 5A/Phase DC-DC Buck Converter
logo
Renesas Technology Corp
DA9213 RENESAS-DA9213 Datasheet
1Mb / 63P
   Multi-Phase 5A/Phase DC-DC Buck Converter
10-Feb-2022
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
   DC-DC BUCK CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3125 FOSLINK-FSP3125 Datasheet
272Kb / 9P
   150KHZ竊?A PWM BUCK DC/DC CONVERTER
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com