Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14581 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA14581
Description  Low Power Bluetooth Smart SoC with optimized boot time
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14581 Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA14581 Datasheet HTML 1Page - Dialog Semiconductor DA14581 Datasheet HTML 2Page - Dialog Semiconductor DA14581 Datasheet HTML 3Page - Dialog Semiconductor DA14581 Datasheet HTML 4Page - Dialog Semiconductor DA14581 Datasheet HTML 5Page - Dialog Semiconductor DA14581 Datasheet HTML 6Page - Dialog Semiconductor DA14581 Datasheet HTML 7Page - Dialog Semiconductor DA14581 Datasheet HTML 8Page - Dialog Semiconductor DA14581 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 152 page
background image
Datasheet
Revision 3.0
18-Dec-2015
CFR0011-120-00-FM Rev 5
4 of 152
© 2015 Dialog Semiconductor
DA14581
Low Power Bluetooth Smart SoC with optimized boot time
FINAL
2
Pinout
The DA14581 comes in two packages:
• A Wafer Level Chip Scale Package (WLCSP) with
34 balls
• A Quad Flat Package No Leads (QFN) with 40 pins
The actual pin/ball assignment is depicted in the follow-
ing figures:
Figure 2: WLCSP ball assignment
1
2345
A
B
C
D
E
6
F
DA14581 (Top View)
Figure 3: QFN40 pin assignment
8
7
6
5
4
3
2
1
23
24
25
26
27
28
29
30
Pin 0: GND
plane
P0_0
P0_1
P0_2
P0_3
NC
P0_4
P2_1
XTAL16Mm
XTAL16Mp
P1_3
P1_2
SW_CLK
SWDIO
P1_1
VBAT1V
10
9
P0_7
21
22
SWITCH
P1_0
DA14581
(Top View)
P0_5
P0_6


Similar Part No. - DA14581

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA14581 RENESAS-DA14581 Datasheet
190Kb / 4P
   Revision History
30-Dec-2021
logo
Dialog Semiconductor
DA14581-00000VRA DIALOG-DA14581-00000VRA Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14581-00AT1 DIALOG-DA14581-00AT1 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14581-00AT2 DIALOG-DA14581-00AT2 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14581-00UNA DIALOG-DA14581-00UNA Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
More results

Similar Description - DA14581

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
logo
Renesas Technology Corp
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com