Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7218-00U36 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # DA7218-00U36
Description  Ultra-Low Power Stereo Codec
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7218-00U36 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button DA7218-00U36 Datasheet HTML 4Page - Dialog Semiconductor DA7218-00U36 Datasheet HTML 5Page - Dialog Semiconductor DA7218-00U36 Datasheet HTML 6Page - Dialog Semiconductor DA7218-00U36 Datasheet HTML 7Page - Dialog Semiconductor DA7218-00U36 Datasheet HTML 8Page - Dialog Semiconductor DA7218-00U36 Datasheet HTML 9Page - Dialog Semiconductor DA7218-00U36 Datasheet HTML 10Page - Dialog Semiconductor DA7218-00U36 Datasheet HTML 11Page - Dialog Semiconductor DA7218-00U36 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 173 page
background image
DA7218
Ultra-Low Power Stereo Codec
Datasheet
Revision 2.5
01 Sep 2016
CFR0011-120-00
8 of 173
© 2016 Dialog Semiconductor
2
Terminology
[1]
Crosstalk (dB) is the level difference between the active path output and the idle path measured
signal level, at the test signal frequency. The active path is configured and supplied with an
input signal capable of driving a full scale output, with the signal measured at the output of the
specified idle path.
[2]
Mute Attenuation is the difference in level between the full scale output signal and the output
with mute applied.
[3]
Channel Separation (dB) [left-to-right and right-to-left] is the difference in level between the
active channel (driven to maximum full scale output) and the signal level measured in the idle
channel at the test signal frequency. The active channel is configured and supplied with an input
signal capable of driving a full scale output, with the signal measured at the output of the
associated idle channel.
[4]
PSRR is the ratio of a given power supply change relative to the output signal that results from
it. PSRR is measured under quiescent signal path conditions.
[5]
SNR is the difference in level between the maximum full scale output signal and the output with
no input signal applied.
[6]
THD+N is the level of the rms value of the sum of harmonic distortion products plus noise in the
specified bandwidth relative to the amplitude of the measured output signal.
All performance measurements carried out with 20 kHz low pass filter, and where noted an A-
weighted filter. Failure to use such a filter will result in higher THD and lower SNR readings than are
found in the Electrical Characteristics. The low-pass filter removes out of band noise; although it is
not audible it may affect dynamic specification values.


Similar Part No. - DA7218-00U36

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA7218-00U36 RENESAS-DA7218-00U36 Datasheet
2Mb / 198P
   Ultra-Low Power Stereo Codec
24-Dec-2021
More results

Similar Description - DA7218-00U36

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
   Ultra-low power stereo codec
logo
Renesas Technology Corp
DA7211 RENESAS-DA7211 Datasheet
1Mb / 111P
   Ultra-low power stereo codec
23-Dec-2021
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
   Ultra-low power stereo codec
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
   Ultra-low power stereo codec
logo
Renesas Technology Corp
DA7210 RENESAS-DA7210 Datasheet
1Mb / 119P
   Ultra-low power stereo codec
23-Dec-2021
DA7217 RENESAS-DA7217 Datasheet
3Mb / 170P
   Ultra-Low Power Stereo Codec
23-Feb-2022
logo
Dialog Semiconductor
DA7217 DIALOG-DA7217 Datasheet
2Mb / 171P
   Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7212 RENESAS-DA7212 Datasheet
1Mb / 136P
   Ultra-Low Power Stereo Codec
05-Jan-2022
DA7218 RENESAS-DA7218 Datasheet
2Mb / 198P
   Ultra-Low Power Stereo Codec
24-Dec-2021
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com