Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5366CA Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A5366CA
Description  PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5366CA Datasheet(HTML) 2 Page - Allegro MicroSystems

  A5366CA Datasheet HTML 1Page - Allegro MicroSystems A5366CA Datasheet HTML 2Page - Allegro MicroSystems A5366CA Datasheet HTML 3Page - Allegro MicroSystems A5366CA Datasheet HTML 4Page - Allegro MicroSystems A5366CA Datasheet HTML 5Page - Allegro MicroSystems A5366CA Datasheet HTML 6Page - Allegro MicroSystems A5366CA Datasheet HTML 7Page - Allegro MicroSystems A5366CA Datasheet HTML 8Page - Allegro MicroSystems A5366CA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5366
PHOTOELECTRIC SMOKE DETECTOR
with INTERCONNECT and TIMER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
2
FUNCTIONAL BLOCK DIAGRAM
4
STROBE
– SUPPLY
14
VSS
9 V
+ SUPPLY
I / O
TIMING RES.
FEEDBACK
DETECT
OSC. CAP.
POWER-ON
RESET
OSCILLATOR
& TIMING
LOGIC
HORN 1
HORN
2
LED
TEST
+V
+V
V
DD
16
7
11
10
9
8
13
12
5
3
V
DD
Dwg. FC-006
1
2
LOW BATTERY
C1
C2
HUSH
15
6
IRED
PHOTO AMP
V DD
BAND-GAP
REFERENCE
Copyright © 2001, 2002 Allegro MicroSystems, Inc.


Similar Part No. - A5366CA

ManufacturerPart #DatasheetDescription
logo
Sensitron
A5366CA SENSITRON-A5366CA Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
A5366CA ALLEGRO-A5366CA Datasheet
322Kb / 13P
   The A5366 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
logo
Sensitron
A5366CA-T SENSITRON-A5366CA-T Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
A5366CA-T ALLEGRO-A5366CA-T Datasheet
322Kb / 13P
   The A5366 is a low-current BiCMOS circuit providing all of the required features for a photoelectric type smoke detector.
More results

Similar Description - A5366CA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5358 ALLEGRO-5358 Datasheet
98Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
5348 ALLEGRO-5348 Datasheet
90Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5347 ALLEGRO-5347 Datasheet
91Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5367CA ALLEGRO-A5367CA Datasheet
169Kb / 10P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5338 ALLEGRO-A5338 Datasheet
248Kb / 8P
   Smoke Detector with Interconnect and Timer
5368 ALLEGRO-5368 Datasheet
89Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5303 ALLEGRO-A5303 Datasheet
380Kb / 14P
   Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
A5303 ALLEGRO-A5303_16 Datasheet
799Kb / 15P
   Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com