Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGM1033N7 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BGM1033N7
Description  GPS and GLONASS Front-End Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGM1033N7 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BGM1033N7 Datasheet HTML 6Page - Infineon Technologies AG BGM1033N7 Datasheet HTML 7Page - Infineon Technologies AG BGM1033N7 Datasheet HTML 8Page - Infineon Technologies AG BGM1033N7 Datasheet HTML 9Page - Infineon Technologies AG BGM1033N7 Datasheet HTML 10Page - Infineon Technologies AG BGM1033N7 Datasheet HTML 11Page - Infineon Technologies AG BGM1033N7 Datasheet HTML 12Page - Infineon Technologies AG BGM1033N7 Datasheet HTML 13Page - Infineon Technologies AG BGM1033N7 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
BGM1033N7
GPS and GLONASS Front-End Module
Electrical Characteristics
Data Sheet
10
Revision 3.2, 2011-07-18
Rejection
6)
Rej
2400M
–54
dBc
f = 2400 MHz - 2500 MHz
Stability
k
–>1
f =20MHz -20GHz
1) Measured on application board including PCB losses (unless noted otherwise)
2) To be within 1 dB of the final gain OFF- to ON-mode; to be within 3 dB of the final gain ON- to OFF-mode
3) PCB and connector losses subtracted, verified on AQL base
4) Input power = +10 dBm for each tone
5) Guaranteed by device design, not measured in production
6) Rejection = |(1/|S
21|
2 at stopband frequency)| + |(1/|S
21|
2 at 1575.42 MHz)|
Table 3
Typical Characteristics:
T
A =25°C, VCC =2.7 V, VPON,ON =2.7 V, VPON,OFF =0V
1)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.


Similar Part No. - BGM1033N7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGM1032N7 INFINEON-BGM1032N7 Datasheet
1Mb / 17P
   GPS and GLONASS Front-End Module
Revision 3.2, 2011-07-18
BGM1034N7 INFINEON-BGM1034N7 Datasheet
1Mb / 17P
   GPS and GLONASS Front-End Module
Revision 3.0, 2011-07-18
More results

Similar Description - BGM1033N7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGM1034N7 INFINEON-BGM1034N7 Datasheet
1Mb / 17P
   GPS and GLONASS Front-End Module
Revision 3.0, 2011-07-18
BGM1043N7 INFINEON-BGM1043N7 Datasheet
1Mb / 17P
   GPS and GLONASS Front-End Module
Revision 3.0, 2012-06-20
BGM1032N7 INFINEON-BGM1032N7 Datasheet
1Mb / 17P
   GPS and GLONASS Front-End Module
Revision 3.2, 2011-07-18
logo
TAI-SAW TECHNOLOGY CO.,...
TN0081B TAI-SAW-TN0081B Datasheet
1Mb / 22P
   GPS, GLONASS, Beidou and Galileo Front-End Module 2.5x2.5 mm
logo
Murata Manufacturing Co...
SF2316H MURATA-SF2316H Datasheet
752Kb / 4P
   Designed for Front End GPS, Beidou, and Glonass Applications
logo
Infineon Technologies A...
BGM781N11 INFINEON-BGM781N11 Datasheet
570Kb / 12P
   GPS Front-End Module
Rev.3.1, Oct. 2009
BGM781N11 INFINEON-BGM781N11_10 Datasheet
372Kb / 12P
   GPS Front-End Module
Rev.3.2, Oct. 2010
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412 AVAGO-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-1612 BOARDCOM-ALM-1612 Datasheet
325Kb / 17P
   GPS LNA-Filter Front-End Module
ALM-1412 BOARDCOM-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com