Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3959 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3959
Description  DMOS FULL-BRIDGE PWM MOTOR DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3959 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3959 Datasheet HTML 1Page - Allegro MicroSystems A3959 Datasheet HTML 2Page - Allegro MicroSystems A3959 Datasheet HTML 3Page - Allegro MicroSystems A3959 Datasheet HTML 4Page - Allegro MicroSystems A3959 Datasheet HTML 5Page - Allegro MicroSystems A3959 Datasheet HTML 6Page - Allegro MicroSystems A3959 Datasheet HTML 7Page - Allegro MicroSystems A3959 Datasheet HTML 8Page - Allegro MicroSystems A3959 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3959
DMOS FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 50 V, VDD = 5.0 V, VSENSE = 0.5 V,
fPWM < 50 kHz (unless noted otherwise), continued.
Limits
Characteristics
Symbol Test Conditions
Min.
Typ. Max.
Units
Control Logic
Reference Divider Ratio
10
Gm Error
EGm
VREF = VDD
––
±4.0
%
(Note 3)
VREF = 0.5 V
±14
%
Propagation Delay Times
tpd
0.5 Ein to 0.9 Eout:
PWM change to source on
600
750
1200
ns
PWM change to source off
50
150
350
ns
PWM change to sink on
600
750
1200
ns
PWM change to sink off
50
100
150
ns
Thermal Shutdown Temp.
TJ
165
°C
Thermal Shutdown Hysteresis
∆T
J
–15
°C
UVLO Enable ThresholdUVLO
Increasing VDD
3.90
4.2
4.45
V
UVLO Hysteresis
∆UVLO
0.05
0.10
V
Logic Supply Current
IDD
fPWM < 50 kHz
6.0
10
mA
Sleep Mode
2.0
mA
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.
3. Gm error = ([VREF/10] – VSENSE)/(VREF/10) where VSENSE = ITRIP•RS.


Similar Part No. - A3959

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
541Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
A3959SB-T ALLEGRO-A3959SB-T Datasheet
541Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
541Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
More results

Similar Description - A3959

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
A3959 ALLEGRO-A3959_16 Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950_V3 ALLEGRO-A4950_V3 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
3958 ALLEGRO-3958_02 Datasheet
171Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A3959SLPTR ALLEGRO-A3959SLPTR Datasheet
541Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
A4950 ALLEGRO-A4950 Datasheet
230Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
3948 ALLEGRO-3948 Datasheet
146Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
3958 ALLEGRO-3958 Datasheet
176Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com