Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G00 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74AUP2G00
Description  DUAL NAND GATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G00 Datasheet(HTML) 2 Page - Diodes Incorporated

  74AUP2G00 Datasheet HTML 1Page - Diodes Incorporated 74AUP2G00 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G00 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G00 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G00 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G00 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G00 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G00 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G00 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74AUP2G00
Document number: DS36139 Rev 2 - 2
2 of 9
www.diodes.com
January 2015
© Diodes Incorporated
74AUP2G00
Ordering Information
74AUP2G
00
XXX -7
Logic Device
Function
Package
Packing
74 : Logic Prefix
00 :
2-Input
RA3 : X2-DFN1210-8
-7 : 7” Tape & Reel
AUP : 0.8 to 3.6 V
NAND Gates
Logic Family
2G : Dual Gate
Device
Package
Code
Package
(Notes 4 & 5)
Package
Size
7” Tape and Reel
Quantity
Part Number
Suffix
74AUP2G00RA3-7
RA3
X2-DFN1210-8
1.2mm X 1.0mm X 0.35mm
0.3 mm lead pitch
5,000/Tape & Reel
-7
Notes: 4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
5. The taping orientation is located on our website at http://www.diodes.com/datasheets/ap02007.pdf.
Pin Descriptions
Pin Name
Pin No.
Function
1A
1
Data Input
1B
2
Data Input
2Y
3
Data Output
GND
4
Ground
2A
5
Data Input
2B
6
Data Input
1Y
7
Data Output
VCC
8
Supply Voltage
Logic Diagram
Function Table
Inputs
Output
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L


Similar Part No. - 74AUP2G00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G00 PHILIPS-74AUP2G00 Datasheet
83Kb / 16P
   Low-power dual 2-input NAND gate
Rev. 01-25 August 2006
74AUP2G00 NXP-74AUP2G00 Datasheet
537Kb / 17P
   Low-power dual 2-input NAND gate
Rev. 04-5 June 2008
logo
Nexperia B.V. All right...
74AUP2G00 NEXPERIA-74AUP2G00 Datasheet
302Kb / 20P
   Low-power dual 2-input NAND gate
Rev. 11 - 9 June 2022
74AUP2G00-Q100 NEXPERIA-74AUP2G00-Q100 Datasheet
223Kb / 13P
   Low-power dual 2-input NAND gate
Rev. 2 - 9 June 2022
logo
NXP Semiconductors
74AUP2G00DC PHILIPS-74AUP2G00DC Datasheet
83Kb / 16P
   Low-power dual 2-input NAND gate
Rev. 01-25 August 2006
More results

Similar Description - 74AUP2G00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com