Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G86 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74AUP2G86
Description  DUAL EXCLUSIVE OR GATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G86 Datasheet(HTML) 7 Page - Diodes Incorporated

  74AUP2G86 Datasheet HTML 1Page - Diodes Incorporated 74AUP2G86 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G86 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G86 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G86 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G86 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G86 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G86 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G86 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74AUP2G86
Document number: DS36143 Rev. 1 - 2
7 of 9
www.diodes.com
January 2015
© Diodes Incorporated
74AUP2G86
Parameter Measurement Information
RL
C L
(see Note A)
From Output
Under Test
=1M
VCC
Inputs
VM
CL
VI
tr/tf
0.8V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
1.2V ± 0.1V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
1.5V ± 0.1V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
1.8V ± 0.15V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
2.5V ± 0.2V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
3.3V ± 0.3V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1 Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Similar Part No. - 74AUP2G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G86 NXP-74AUP2G86 Datasheet
102Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 04-29 June 2009
74AUP2G86 NXP-74AUP2G86 Datasheet
214Kb / 21P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 7-14 June 2012
logo
Nexperia B.V. All right...
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
logo
NXP Semiconductors
74AUP2G86DC NXP-74AUP2G86DC Datasheet
102Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 04-29 June 2009
74AUP2G86DC NXP-74AUP2G86DC Datasheet
214Kb / 21P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 7-14 June 2012
More results

Similar Description - 74AUP2G86

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET86F TOSHIBA-TC7SET86F Datasheet
171Kb / 5P
   EXCLUSIVE OR GATE
TC7S86F TOSHIBA-TC7S86F Datasheet
201Kb / 5P
   EXCLUSIVE OR GATE
TC7SG86FU TOSHIBA-TC7SG86FU Datasheet
152Kb / 6P
   EXCLUSIVE OR Gate
TC7SH86FE TOSHIBA-TC7SH86FE Datasheet
149Kb / 5P
   Exclusive OR Gate
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
Toshiba Semiconductor
TC7SG86AFS TOSHIBA-TC7SG86AFS Datasheet
176Kb / 6P
   EXCLUSIVE OR GATE
TC7SG86FE TOSHIBA-TC7SG86FE Datasheet
147Kb / 6P
   EXCLUSIVE OR Gate
TC7SH86FS TOSHIBA-TC7SH86FS Datasheet
175Kb / 6P
   EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com