Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G125 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74AUP2G125
Description  DUAL 3-STATE BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G125 Datasheet(HTML) 1 Page - Diodes Incorporated

  74AUP2G125 Datasheet HTML 1Page - Diodes Incorporated 74AUP2G125 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G125 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G125 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G125 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G125 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G125 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G125 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G125 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74AUP2G125
Document number: DS36144 Rev. 1 - 2
1 of 11
www.diodes.com
January 2015
© Diodes Incorporated
74AUP2G125
DUAL 3-STATE BUFFER
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for mor
e information about Diodes Incorporated’s definitions of Halogen- and Antimony-free,
"Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
Description
The Advanced Ultra Low Power (AUP) CMOS logic family is designed
for low power and extended battery life in portable applications.
The 74AUP2G125 is a dual 3-State Buffer. Each buffer has an
individual output enable pin while asserted HIGH will place the output
in a high impedance state. The device is designed for operation over
a power supply range of 0.8 V to 3.6 V. The device is fully specified
for partial power down applications using IOFF. The IOFF circuitry
disables the output preventing damaging current backflow when the
device is powered down.
Pin Assignments
(Top View)
X2-DFN1210-8
Features
Advanced Ultra Low Power (AUP) CMOS
Supply Voltage Range from 0.8 V to 3.6 V
± 4 mA Output Drive at 3.0 V
Low Static Power Consumption
Icc < 0.9 uA
Low Dynamic Power Consumption
CPD = 6 pF Typical at 3.6 V
Schmitt trigger action at all inputs make the circuit tolerant for
slower input rise and fall time. The hysteresis is typically 250
mV at Vcc = 3.0V
IOFF Supports Partial-Power-Down Mode Operation
ESD Protection per JESD 22
Exceeds 200-V Machine Model (A115)
Exceeds 2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
Latch-Up Exceeds 100mA per JESD 78, Class I
Leadless Packages per JESD30E
DFN1210 Denoted as X2-DFN1210-8
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free. “Green” Device (Note 3)
Applications
Suited for Battery and Low Power Needs
Wide array of products such as:
Tablets, E-readers
Cell Phones, Personal Navigation / GPS
MP3 Players, Cameras, Video Recorders
PCs, Ultrabooks, Notebooks, Netbooks
Computer Peripherals, Hard Drives, SSD, CD/DVD
ROM
TV, DVD, DVR, Set-Top Box


Similar Part No. - 74AUP2G125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G125 NXP-74AUP2G125 Datasheet
121Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 06-27 November 2009
74AUP2G125 PHILIPS-74AUP2G125 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
logo
Nexperia B.V. All right...
74AUP2G125 NEXPERIA-74AUP2G125 Datasheet
326Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 14 - 21 June 2022
logo
NXP Semiconductors
74AUP2G125DC NXP-74AUP2G125DC Datasheet
121Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 06-27 November 2009
74AUP2G125DC NXP-74AUP2G125DC Datasheet
202Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 7-21 September 2010
More results

Similar Description - 74AUP2G125

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP2G126 DIODES-74AUP2G126 Datasheet
519Kb / 11P
   DUAL 3-STATE BUFFER
logo
STMicroelectronics
74V2G125 STMICROELECTRONICS-74V2G125 Datasheet
157Kb / 9P
   DUAL BUS BUFFER (3-STATE)
74V2G126 STMICROELECTRONICS-74V2G126_03 Datasheet
160Kb / 9P
   DUAL BUS BUFFER (3-STATE)
74V2T125 STMICROELECTRONICS-74V2T125_03 Datasheet
155Kb / 8P
   DUAL BUS BUFFER (3-STATE)
74V2T126 STMICROELECTRONICS-74V2T126 Datasheet
150Kb / 8P
   DUAL BUS BUFFER (3-STATE)
74V2T125 STMICROELECTRONICS-74V2T125 Datasheet
221Kb / 10P
   DUAL BUS BUFFER (3-STATE)
74V2T126STR STMICROELECTRONICS-74V2T126STR Datasheet
161Kb / 8P
   DUAL BUS BUFFER (3-STATE)
74V2G126 STMICROELECTRONICS-74V2G126 Datasheet
88Kb / 11P
   DUAL BUS BUFFER (3-STATE)
logo
ON Semiconductor
NL27WZ125 ONSEMI-NL27WZ125 Datasheet
90Kb / 8P
   Dual Buffer with 3-State Outputs
July, 2002 ??Rev. 3
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com