Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC1T45 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74AVC1T45
Description  TRANSCEIVER WITH 3 STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AVC1T45 Datasheet(HTML) 4 Page - Diodes Incorporated

  74AVC1T45 Datasheet HTML 1Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 2Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 3Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 4Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 5Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 6Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 7Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 8Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74AVC1T45
Document number: DS38131 Rev. 1
– 2
4 of 17
www.diodes.com
September 2016
© Diodes Incorporated
74AVC1T45
Recommended Operating Condition (Notes 6, 7 & 8) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
VCCI
VCCO
Min
Max
Units
VCC(A)
Operating Voltage
-
-
1.2
3.6
V
VCC(B)
Operating Voltage
-
-
1.2
3.6
V
VIH
High-Level
Input Voltage
Data Inputs
1.2 to 1.95V
1.2 to 3.6V
0.65 x VCC(A)
-
V
1.95 to 2.7V
1.2 to 3.6V
1.6
-
2.7V to 3.6V
1.2 to 3.6V
2
-
VIL
Low-Level
Input Voltage
Data Inputs
1.2 to 1.95V
1.2 to 3.6V
-
0.35 x VCC(A)
V
1.95 to 2.7V
1.2 to 3.6V
-
0.7
2.7V to 3.6V
1.2 to 3.6V
-
0.8
VIH
High-Level
Input Voltage
DIR
(referenced to
VCCA)
1.2 to 1.95V
1.2 to 3.6V
0.65 x VCC(B)
-
V
1.95 to 2.7V
1.2 to 3.6V
1.6
-
2.7 to 3.6V
1.2 to 3.6V
2
-
VIL
Low-Level
Input Voltage
DIR
(referenced to
VCCA)
1.2 to 1.95V
1.2 to 3.6V
-
0.35 x VCC(B)
V
1.95 to 2.7V
1.2 to 3.6V
-
0.7
2.7 to 3.6V
1.2 to 3.6V
-
0.8
VI
Input Voltage
-
-
0
3.6
V
VO
Output Voltage
Active state
-
-
0
VCCO
V
3-state
-
-
0
3.6
V
IOH
High-Level Output Current
1.2 to 3.6V
1.2V
-
-3
mA
1.2 to 3.6V
1.4 to 1.6V
-
-6
1.2 to 3.6V
1.65 to 1.95V
-
-8
1.2 to 3.6V
2.3 to 2.7V
-
-9
1.2 to 3.6V
3 to 3.6V
-
-12
IOL
Low-Level Output Current
1.2 to 3.6V
1.2V
-
3
mA
1.2 to 3.6V
1.4 to 1.6V
-
6
1.2 to 3.6V
1.65 to 1.95V
-
8
1.2 to 3.6V
2.3 to 2.7V
-
9
1.2 to 3.6V
3 to 3.6V
-
12
Δt/ΔV
Input Transition Rise or Fall
Rate
1.2 to 3.6V
1.2 to 3.6V
-
5
ns/V
TA
Operating Free-Air Temperature
-40
+85
°C
Note:
6. VCCO is the VCC associated with the output port.
7. VCCI is the VCC associated with the input port.
8. All unused inputs of the device must be held at VCCI of GND.


Similar Part No. - 74AVC1T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
logo
Nexperia B.V. All right...
74AVC1T45 NEXPERIA-74AVC1T45 Datasheet
324Kb / 22P
   Dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 2 February 2022
74AVC1T45-Q100 NEXPERIA-74AVC1T45-Q100 Datasheet
290Kb / 20P
   Dual-supply voltage level translator/transceiver 3-state
logo
NXP Semiconductors
74AVC1T45GM NXP-74AVC1T45GM Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
logo
Nexperia B.V. All right...
74AVC1T45GM NEXPERIA-74AVC1T45GM Datasheet
324Kb / 22P
   Dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 2 February 2022
More results

Similar Description - 74AVC1T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16863 TI-SN74ALVCH16863 Datasheet
115Kb / 8P
[Old version datasheet]   18-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com