Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA616 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGA616
Description  Silicon Germanium Broadband MMIC Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA616 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGA616_11 Datasheet HTML 1Page - Infineon Technologies AG BGA616_11 Datasheet HTML 2Page - Infineon Technologies AG BGA616_11 Datasheet HTML 3Page - Infineon Technologies AG BGA616_11 Datasheet HTML 4Page - Infineon Technologies AG BGA616_11 Datasheet HTML 5Page - Infineon Technologies AG BGA616_11 Datasheet HTML 6Page - Infineon Technologies AG BGA616_11 Datasheet HTML 7Page - Infineon Technologies AG BGA616_11 Datasheet HTML 8Page - Infineon Technologies AG BGA616_11 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BGA616
Electrical Characteristics
Data Sheet
5
Rev. 2.1, 2011-09-02
Maximum Ratings
Note: All Voltages refer to GND-Node
Thermal resistance
2
Electrical Characteristics
Electrical characteristics at
T
A = 25 °C (measured in test circuit specified in Figure 2)
V
CC = 6 V, RBias = 33 Ω, Frequency = 2 GHz, unless otherwise specified
Table 1
Maximum ratings
Parameter
Symbol
Limit Value
Unit
Device voltage
V
D
4.5
V
Device current
I
D
80
mA
Current into pin In
I
in
0.7
mA
Input power1)
1) Valid for
Z
S = ZL = 50 Ω, VCC = 6 V, RBias = 33 Ω
P
in
10
dBm
Total power dissipation,
T
S < 78 °C
2)
2)
T
S is measured on the ground lead at the soldering point
P
tot
360
mW
Junction temperature
T
J
150
°C
Ambient temperature range
T
A
-65... 150
°C
Storage temperature range
T
STG
-65... 150
°C
ESD capability all pins (HBM: JESD22-A114)
VESD
1000
V
Table 2
Thermal resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
1) For calculation of
R
thJA please refer to Application Note Thermal Resistance
R
thJS
200
K/W
Table 3
Electrical Characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Insertion power gain
|S
21|
2
20.0
dB
f = 0.1 GHz
19.0
dB
f = 1 GHz
18.0
dB
f = 2 GHz
Noise figure (
Z
S = 50 Ω)
F
50
Ω
2.2
dB
f = 0.1 GHz
2.5
dB
f = 1 GHz
2.6
dB
f = 2 GHz
Output power at 1 dB gain
compression
P
-1dB
18
dBm
Output third order intercept point
OIP
3
29
dBm
Input return loss
RL
in
15
dB
Output return loss
RL
out
15
dB
Total device current
I
D
60
mA


Similar Part No. - BGA616_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA616 INFINEON-BGA616_08 Datasheet
277Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Feb. 2008
More results

Similar Description - BGA616_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA614 INFINEON-BGA614_08 Datasheet
298Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Mar. 2008
BGA614 INFINEON-BGA614_11 Datasheet
252Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Sept. 2011
BGA612 INFINEON-BGA612_08 Datasheet
298Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, April 2008
BGA614 INFINEON-BGA614 Datasheet
516Kb / 8P
   Silicon Germanium Broadband MMIC Amplifier
2003-11-04
BGA616 INFINEON-BGA616 Datasheet
129Kb / 8P
   Silicon Germanium Broadband MMIC Amplifier
Apr. 2003
BGA612 INFINEON-BGA612 Datasheet
516Kb / 8P
   Silicon Germanium Broadband MMIC Amplifier
Nov. 2003
BGA616 INFINEON-BGA616_08 Datasheet
277Kb / 9P
   Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Feb. 2008
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com