Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA231N7 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BGA231N7
Description  Silicon Germanium GNSS Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA231N7 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BGA231N7 Datasheet HTML 7Page - Infineon Technologies AG BGA231N7 Datasheet HTML 8Page - Infineon Technologies AG BGA231N7 Datasheet HTML 9Page - Infineon Technologies AG BGA231N7 Datasheet HTML 10Page - Infineon Technologies AG BGA231N7 Datasheet HTML 11Page - Infineon Technologies AG BGA231N7 Datasheet HTML 12Page - Infineon Technologies AG BGA231N7 Datasheet HTML 13Page - Infineon Technologies AG BGA231N7 Datasheet HTML 14Page - Infineon Technologies AG BGA231N7 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BGA231N7
Electrical Characteristics
Data Sheet
11
Revision 1.0, 2013-01-30
Table 5
Electrical Characteristics:
1) T
A = 25 °C, VCC = 1.8 V, VPON,ON = 1.8 V, VPON,OFF = 0 V,
f = 1550 - 1615 MHz (GPS / Glonass / Beidou / Galileo)
1) Based on the application described in chapter 3
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
V
CC
1.5
3.6
V
Supply current
I
CC
–4.4
–mA
ON-mode
–0.2
3
μA
OFF-mode
Gain switch control voltage
V
pon
1.0
Vcc
V
ON-mode
0
0.4
V
OFF-mode
Gain switch control current
I
pon
–5
μA
ON-mode
––
1
μA
OFF-mode
Insertion power gain
|
S
21|
2
16.0
dB
Noise figure
2)
2) PCB losses are subtracted
NF
0.75
1.3
dB
Z
S = 50 Ω
Input return loss
RL
in
–10
dB
Output return loss
RL
out
–16
dB
Reverse isolation
1/|
S
12|
2
–23
dB
Power gain settling time
3)
3) To be within 1 dB of the final gain OFF- to ON-mode; to be within 3 dB of the final gain ON- to OFF-mode
t
S
–5
μs
OFF- to ON-mode
–5
μs
ON- to OFF-mode
Inband input 1 dB-compression
point
IP
1dB
–-8
dBm
Inband input 3
rd-order intercept
point
4)
4) Input Power = -30 dBm for each tone
IIP
3
–0
–dBm
f
1 = 1575 MHz
f
2 = f1 +/-1 MHz
Out of band input 3rd order
intercept point
5)
5) Input Power = -20 dBm for each tone
IIP
3oob
–+5
dBm
f
1 = 1712.7 MHz
f
2 = 1850 MHz
Stability
k
–> 1
f = 20 MHz ... 10 GHz


Similar Part No. - BGA231N7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA231L7 INFINEON-BGA231L7 Datasheet
1Mb / 14P
   Silicon Germanium GPS Low Noise Amplifier
Revision 3.0, 2011-04-20
More results

Similar Description - BGA231N7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA925L6 INFINEON-BGA925L6 Datasheet
1Mb / 16P
   Silicon Germanium GNSS Low Noise Amplifier
Revision 3.0, 2012-01-13
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
BGA915N7 INFINEON-BGA915N7 Datasheet
1Mb / 16P
   Silicon Germanium GPS Low Noise Amplifier
Revision 4.0, 2011-03-23
BGA461 INFINEON-BGA461 Datasheet
76Kb / 8P
   Silicon Germanium GPS Low Noise Amplifier
Rev.1.1, Jan. 2009
BGA615L7 INFINEON-BGA615L7 Datasheet
351Kb / 13P
   Silicon Germanium GPS Low Noise Amplifier
Rev.1.3, Feb. 2007
BGA715L7 INFINEON-BGA715L7 Datasheet
342Kb / 8P
   Silicon Germanium GPS Low Noise Amplifier
Rev.2.1, October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com