Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC164 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74HC164
Description  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC164 Datasheet(HTML) 2 Page - Diodes Incorporated

  74HC164 Datasheet HTML 1Page - Diodes Incorporated 74HC164 Datasheet HTML 2Page - Diodes Incorporated 74HC164 Datasheet HTML 3Page - Diodes Incorporated 74HC164 Datasheet HTML 4Page - Diodes Incorporated 74HC164 Datasheet HTML 5Page - Diodes Incorporated 74HC164 Datasheet HTML 6Page - Diodes Incorporated 74HC164 Datasheet HTML 7Page - Diodes Incorporated 74HC164 Datasheet HTML 8Page - Diodes Incorporated 74HC164 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74HC164
Document number: DS36279 Rev. 2- 2
2 of 10
www.diodes.com
March 2015
© Diodes Incorporated
74HC164
400
Pin Descriptions
Function Table (Note 4)
Mode
Input
Output
MR
CP
DSA
DSB
Q0
Q1-Q7
Reset
L
X
X
X
L
L
Shift
H
L
X
L
Qn←Qn-1 (n= 1 to7)
H
X
L
L
Qn←Qn-1 (n= 1 to7)
H
H
H
H
Qn←Qn-1 (n= 1 to7)
Note:
4. Signals asserted on DSA and DSB must be in place longer than Tsu (set-up time) before CP occurs and remain in place Thold (hold time) after CP.
Logic Diagram
9
MR
8
CP
Q0
D
C
R
Q
3
Q1
D
C
R
Q
4
Q2
D
C
R
Q
5
Q3
D
C
R
Q
6
Q4
D
C
R
Q
10
Q5
D
C
R
Q
11
Q6
D
C
R
Q
12
Q7
D
C
R
Q
13
2
DSB
1
DSA
Pin Number
Pin Name
Function
1
DSA
Serial Data Input
2
DSB
Serial Data Input
3
Q0
Data Output
4
Q1
Data Output
5
Q2
Data Output
6
Q3
Data Output
7
GND
Ground
8
CP
Clock Pulse
–Positive Edge Triggered
9
MR
Master Reset - Asynchronous
10
Q4
Data Output
11
Q5
Data Output
12
Q6
Data Output
13
Q7
Data Output
14
VCC
Supply Voltage


Similar Part No. - 74HC164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC164 PHILIPS-74HC164 Datasheet
54Kb / 8P
   8-bit serial-in/parallel-out shift register
Rev. 03-4 April 2005
logo
Nexperia B.V. All right...
74HC164 NEXPERIA-74HC164 Datasheet
286Kb / 17P
   8-bit serial-in, parallel-out shift register
logo
STMicroelectronics
74HC164 STMICROELECTRONICS-74HC164 Datasheet
254Kb / 12P
   8 BIT SIPO SHIFT REGISTER
logo
Texas Instruments
74HC164 TI-74HC164 Datasheet
109Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
System Logic Semiconduc...
74HC164 SLS-74HC164 Datasheet
50Kb / 5P
   8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
More results

Similar Description - 74HC164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com