Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC540A Datasheet(PDF) 8 Page - Diodes Incorporated

Part # 74LVC540A
Description  OCTAL BUFFER/ LINE DRIVER WITH 3 STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC540A Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button 74LVC540A Datasheet HTML 2Page - Diodes Incorporated 74LVC540A Datasheet HTML 3Page - Diodes Incorporated 74LVC540A Datasheet HTML 4Page - Diodes Incorporated 74LVC540A Datasheet HTML 5Page - Diodes Incorporated 74LVC540A Datasheet HTML 6Page - Diodes Incorporated 74LVC540A Datasheet HTML 7Page - Diodes Incorporated 74LVC540A Datasheet HTML 8Page - Diodes Incorporated 74LVC540A Datasheet HTML 9Page - Diodes Incorporated 74LVC540A Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
74LVC540A
Document number: DS35890 Rev. 1 - 2
8 of 10
www.diodes.com
July 2014
© Diodes Incorporated
74LVC540A
Package Outline Dimensions (All Dimensions in mm)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(1) TSSOP-20
(2) QFN-20 (V-QFN4525-20)
TSSOP-20
Dim
Min
Max
Typ
A
-
1.20
-
A1
0.05
0.15
-
A2
0.80
1.05
-
b
0.19
0.30
-
c
0.09
0.20
-
D
6.40
6.60
6.50
E
6.20
6.60
6.40
E1
4.30
4.50
4.40
e
0.65 BSC
L
0.45
0.75
0.60
L1
1.0 REF
θ1
-
θ2
10°
14°
12°
θ3
10°
14°
12°
All Dimensions in mm
V-QFN4525-20
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0.00
0.05
0.02
A3
-
-
0.15
b
0.18
0.30
0.23
D
4.45
4.55
4.50
D2
2.85
3.15
3.00
E
2.45
2.55
2.50
E2
0.85
1.15
1.00
e
0.50BSC
L
0.30
0.50
0.40
Z
-
-
0.385
Z1
-
-
0.885
All Dimensions in mm
ID MARK
PIN 1
e
D
E
E1
A2
A
A1
b
DETAIL
Seating Plane
θ1
Gauge Plane
0.25
L
L1
θ2
θ3
A
A 3
S e a t i n g P l a n e
A 1
P i n # 1 I D
D
E
b
2 0 x
E 2
L
2 0 x
D 2
e
Z
4 x
Z 1
4 x


Similar Part No. - 74LVC540A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC540A ONSEMI-74LVC540A Datasheet
105Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC540ADTR2G ONSEMI-74LVC540ADTR2G Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC540ADTR2G ONSEMI-74LVC540ADTR2G Datasheet
105Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC540ADWR2G ONSEMI-74LVC540ADWR2G Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
More results

Similar Description - 74LVC540A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com