Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1273AX Datasheet(PDF) 5 Page - Keysight Technologies

Part # U1273AX
Description  U1270 Series Handheld Digital Multimeters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1273AX Datasheet(HTML) 5 Page - Keysight Technologies

  U1273AX Datasheet HTML 1Page - Keysight Technologies U1273AX Datasheet HTML 2Page - Keysight Technologies U1273AX Datasheet HTML 3Page - Keysight Technologies U1273AX Datasheet HTML 4Page - Keysight Technologies U1273AX Datasheet HTML 5Page - Keysight Technologies U1273AX Datasheet HTML 6Page - Keysight Technologies U1273AX Datasheet HTML 7Page - Keysight Technologies U1273AX Datasheet HTML 8Page - Keysight Technologies U1273AX Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Front and Back Panel Description
OLED display with 2000:1
contrast ratio and 160
degree viewing angle
Smart Ω 1 removes residual
voltage of up to 1000 mV
Auto diode 1 automatically
determines diode polarity
Temperature measurement:
J type thermocouple
–210 to 1200 °C 1, K type ther-
mocouple –200 to 1732 °C
Z
LOW
1
provides both high
and low impedance modes
to eliminate stray voltages
Measure up to
1000 V AC and DC
Low Pass Filter (LPF)
removes unwanted high
frequency signals
Measure up to 10 A
(20 A for 30 s)
Front panel
1. U1272A, U1273A and U1273AX only
30,000 counts resolution
Peak detect records tran-
sients as fast as 250 μs
Once connected to any HH DMM via Bluetooth adapter you are able to log and view measurements
graphically from smart phones and tablets.
5 | Keysight | U1270 Series Handheld Digital Multimeters - Data Sheet


Similar Part No. - U1273AX

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1273AX KEYSIGHT-U1273AX Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1273AX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com