Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100804600001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100804600001
Description  Messerl. SMC-Q 26-SMD-BA8-13
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100804600001 Datasheet(HTML) 1 Page - ERNI Electronics

  100804600001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
330
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 280 Stück
Verpackt im Gurt in Anlehnung an DIN IEC 60286-3
Packaging unit: 280 pcs
Abspulrichtung -
Reel off Direction
1,5 -0,03
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination 0,1 mm
a1
a13
ohne Ansaughaube -
without hood
1,27
12 x 1,27 = 15,24
a1
16
4,2
5
a1
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
±0,03
±0,03
19,66
0,3
1,2
0,8
-0,03
15,24
12 x 1,27 =
1,27
1,6
2,21
Ansaughaube
hood
±0,03
17
19,26
19,66
21,59
18,46
17,46
11.07.2016
e
A3
Class
K
www.ERNI.com
Index
SMCQ
Male SMC-Q 26-SMD-type 8-13
Messerl. SMC-Q 26-SMD-BA8-13
before using.
contact one of the ERNI companies
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
Information:
3:1
100804600001
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
BA 8-13 - 8mm Bauhöhe
type 8-13 - Low Profile


Similar Part No. - 100804600001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100804110001 ERNI-100804110001 Datasheet
83Kb / 1P
   Messerleiste R/2, 48 L철t
100804240001 ERNI-100804240001 Datasheet
58Kb / 1P
   M 2,54 SRC-A, 6-polig
100804280001 ERNI-100804280001 Datasheet
72Kb / 1P
   Federl. SMC-B 12-SMD-BA7-13
100804480001 ERNI-100804480001 Datasheet
78Kb / 1P
   M 1,27 SRC A, 8-polig KS
100804570001 ERNI-100804570001 Datasheet
40Kb / 1P
   F 2,54 SRC-A, 2-polig BA 2
More results

Similar Description - 100804600001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
244837 ERNI-244837 Datasheet
83Kb / 1P
   Messerl. SMC-Q 26-SMD-BA8-13
100103210031 ERNI-100103210031 Datasheet
96Kb / 1P
   Messerl. SMC-Q 26-SMD-BA8-13
100304120001 ERNI-100304120001 Datasheet
97Kb / 1P
   Messerl. SMC-Q 26-SMD-BA8-13
100304600001 ERNI-100304600001 Datasheet
101Kb / 1P
   Messerl. SMC-Q 26-SMD-BA8-13
102503210089 ERNI-102503210089 Datasheet
97Kb / 1P
   Messerl. SMC-Q 26-SMD-BA8-13
100303210164 ERNI-100303210164 Datasheet
96Kb / 1P
   Messerl. SMC-Q 26-SMD-BA8-13
100103210156 ERNI-100103210156 Datasheet
97Kb / 1P
   Messerl. SMC-Q 26-SMD-BA8-13
100204250001 ERNI-100204250001 Datasheet
97Kb / 1P
   Messerl. SMC-Q 26-SMD-BA8-13
103203880001 ERNI-103203880001 Datasheet
66Kb / 1P
   Messerl. SMC-Q 12-SMD-BA8-13
100203940001 ERNI-100203940001 Datasheet
88Kb / 1P
   Messerl. SMC-Q 16-SMD-BA8-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com