Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5275IPFP Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS5275IPFP
Description  8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5275IPFP Datasheet(HTML) 2 Page - Texas Instruments

  ADS5275IPFP Datasheet HTML 1Page - Texas Instruments ADS5275IPFP Datasheet HTML 2Page - Texas Instruments ADS5275IPFP Datasheet HTML 3Page - Texas Instruments ADS5275IPFP Datasheet HTML 4Page - Texas Instruments ADS5275IPFP Datasheet HTML 5Page - Texas Instruments ADS5275IPFP Datasheet HTML 6Page - Texas Instruments ADS5275IPFP Datasheet HTML 7Page - Texas Instruments ADS5275IPFP Datasheet HTML 8Page - Texas Instruments ADS5275IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ADS5275
SBAS300 – JANUARY 2004 – REVISED NOVEMBER 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS5275IPFP
Tray, 96
ADS5275
HTQFP-80
PFP
-40
°C to +85°C
ADS5275IPFP
ADS5275IPFPT
Tape and Reel, 250
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
Supply Voltage Range, AVDD
-0.3V to +3.8V
Supply Voltage Range, LVDD
-0.3V to +3.8V
Voltage Between AVSS and LVSS
-0.3V to +0.3V
Voltage Between AVDD and LVDD
-0.3V to +0.3V
Voltage Applied to External REF Pins
-0.3V to +2.4V
All LVDS Data and Clock Outputs
-0.3V to +2.4V
Analog Input Pins
-0.3V to +2.7V
Peak Total Input Current (all inputs)
-30mA
Operating Free-Air Temperature Range, TA
-40
°C to +85°C
Lead Temperature, 1.6mm (1/16" from case for 10s)
220
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
RELATED PRODUCTS
MODEL
RESOLUTION (BITS)
SAMPLE RATE (MSPS)
CHANNELS
ADS5270
12
40
8
ADS5271
12
50
8
ADS5272
12
65
8
ADS5273
12
70
8
ADS5276
10
50
8
ADS5277
10
65
8
2


Similar Part No. - ADS5275IPFP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5270 TI-ADS5270 Datasheet
1Mb / 28P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5270 TI1-ADS5270 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5270 TI1-ADS5270 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5270IPFP BURR-BROWN-ADS5270IPFP Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
More results

Similar Description - ADS5275IPFP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
   5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com