Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7301ARTZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADT7301ARTZ
Description  13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7301ARTZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADT7301ARTZ Datasheet HTML 3Page - Analog Devices ADT7301ARTZ Datasheet HTML 4Page - Analog Devices ADT7301ARTZ Datasheet HTML 5Page - Analog Devices ADT7301ARTZ Datasheet HTML 6Page - Analog Devices ADT7301ARTZ Datasheet HTML 7Page - Analog Devices ADT7301ARTZ Datasheet HTML 8Page - Analog Devices ADT7301ARTZ Datasheet HTML 9Page - Analog Devices ADT7301ARTZ Datasheet HTML 10Page - Analog Devices ADT7301ARTZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary Technical Data
ADT7301
Rev. PrJ | Page 7 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
TBD
–000
–000
–000
–000
–000
–000
–000
–000
–000
–000
ALL CAPS (Initial caps)
Figure 6. Temperature Accuracy @ 3.3 V and 5 V
170.0E-6
175.0E-6
180.0E-6
185.0E-6
190.0E-6
195.0E-6
200.0E-6
205.0E-6
210.0E-6
215.0E-6
-45
5
55
105
155
Temperature (°C)
5.5 V
3.3 V
Figure 7.Average Operating Supply Current vs. Temperature
175E-6
180E-6
185E-6
190E-6
195E-6
200E-6
205E-6
2.53.0
3.54.0
4.55.0
5.56.0
Supply Voltage (V)
Figure 8. Average Operating Supply Current vs. Supply Voltage @ 30°C
000E+0
50E-9
100E-9
150E-9
200E-9
250E-9
300E-9
350E-9
400E-9
450E-9
500E-9
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
Figure 9. Shutdown Current vs. Supply Voltage @ 30°C
-10
-5
0
5
10
15
20
10E+3
100E+3
1E+6
10E+6
100E+6
Frequency (Hz)
250 mv p-p ripple @ Vdd = 5 V
Figure 10. Temperature Accuracy vs. Supply Ripple Frequency
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
40
45
50
Time (sec)
Figure 11. Response to Thermal Shock


Similar Part No. - ADT7301ARTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
   짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
319Kb / 17P
   13-Bit, Digital Temperature Sensor
ADT7301ARTZ-REEL7 AD-ADT7301ARTZ-REEL7 Datasheet
286Kb / 16P
   짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
ADT7301ARTZ-REEL7 AD-ADT7301ARTZ-REEL7 Datasheet
319Kb / 17P
   13-Bit, Digital Temperature Sensor
More results

Similar Description - ADT7301ARTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7414 AD-AD7414_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
   1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
   짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
   2C Accurate, Micropower Digital Temperature Sensor
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com