Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11852FV Datasheet(PDF) 3 Page - ON Semiconductor

Part # LB11852FV
Description  For Fan Motor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11852FV Datasheet(HTML) 3 Page - ON Semiconductor

  LB11852FV Datasheet HTML 1Page - ON Semiconductor LB11852FV Datasheet HTML 2Page - ON Semiconductor LB11852FV Datasheet HTML 3Page - ON Semiconductor LB11852FV Datasheet HTML 4Page - ON Semiconductor LB11852FV Datasheet HTML 5Page - ON Semiconductor LB11852FV Datasheet HTML 6Page - ON Semiconductor LB11852FV Datasheet HTML 7Page - ON Semiconductor LB11852FV Datasheet HTML 8Page - ON Semiconductor LB11852FV Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LB11852FV
No.A1112-3/12
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
FG output L voltage
VFGL
IFG = 5mA
0.15
0.30
V
FG pin leak current
IFGL
VFG = 19V
30
μA
EO pin output H voltage
VEOH
IEO1 = -0.2mA
VREG-1.2
VREG-0.8
V
EO pin output L voltage
VEOL
IEO1 = 0.2mA
0.8
1.1
V
RC pin output H voltage
VRCH
3.2
3.45
3.7
V
RC pin output L voltage
VRCL
0.7
0.8
1.05
V
RC pin clamp voltage
VRCCLP
1.3
1.5
1.7
V
CTL pin input H voltage
VCTLH
2.0
VREG
V
CTL pin input L voltage
VCTLL
0
1.0
V
CTL pin input open voltage
VCTLO
VREG-0.5
VREG
V
CTL pin H input H current
ICTLH
VFGIN = 5VREG
-10
0
10
μA
CTL pin L input L current
ICTLL
VFGIN = 0V
-120
-90
μA
C pin output H voltage
VCH
VREG-0.3
VREG-0.1
V
C pin output L voltage
VCL
1.8
2.0
2.2
V
LIM pin input bias current
IBLIM
-1
1
μA
LIM pin common phase input voltage
range
VILIM
2.0
VREG
V
SOFT pin charge current
ICSOFT
1.0
1.3
1.6
μA
SOFT pin operating voltage range
VISOFT
2.0
VREG
V
Package Dimensions
unit : mm (typ)
3360
Pd max -- Ta
Ambient temperature, Ta – °C
0
0.8
0.6
0.4
0.2
1.0
30
90
30
60
0120
0.80
0.30
0.35
0.13
When mounted on the thermal
resistance evaluation board
Independent IC
SSOP20J(225mil)
5.2
0.22
0.15
0.5
(0.35)
12
20


Similar Part No. - LB11852FV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11852FV SANYO-LB11852FV Datasheet
146Kb / 12P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function
More results

Similar Description - LB11852FV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11988 SANYO-LB11988_08 Datasheet
85Kb / 6P
   For Refrigerator Fan Motor Driver
logo
Rohm
BD62018BFS ROHM-BD62018BFS Datasheet
1Mb / 27P
   For Air-Conditioner Fan Motor 3-Phase Brushless Fan Motor Controller
21.Jan.2022 Rev.001
logo
Sanyo Semicon Device
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LV8121V SANYO-LV8121V Datasheet
230Kb / 14P
   For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
Sharp Corporation
LT202A SHARP-LT202A Datasheet
30Kb / 3P
   GaAs Hall IC for Fan Motor
logo
Rohm
BH6766FVM ROHM-BH6766FVM Datasheet
313Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com